Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48312TLE/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM48312TLE/NOPB
Description  Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48312TLE/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48312TLE/NOPB Datasheet HTML 1Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 2Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM48312TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM48312
SNAS494D – JANUARY 2010 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = PVDD = 5V
(1) (2)
The following specifications apply for AV = 6dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply for TA = 25°C.
LM48312
Units
Symbol
Parameter
Conditions
Min
Typ
Max
(Limits)
(3)
(4)
(3)
VDD
Supply Voltage Range
2.4
5.5
V
VIN = 0, RL = 8Ω
IDD
Quiescent Power Supply Current
VDD = 3.3V
2.6
3.3
mA
VDD = 5V
3.1
3.9
mA
ISD
Shutdown Current
Shutdown enabled
0.01
1.0
μA
VOS
Differential Output Offset Voltage
VIN = 0
–48
10
48
mV
VIH
Logic Input High Voltage
1.4
V
VIL
Logic Input Low Voltage
0.4
V
TWU
Wake Up Time
7.5
ms
fSW
Switching Frequency
300±30
kHz
GAIN = FLOAT
–0.5
0
0.5
dB
GAIN = VDD
2.5
3
3.5
dB
AV
Gain
GAIN = GND
5.5
6
6.5
dB
GAIN = 20k
Ω to GND
8.5
9
9.5
dB
GAIN = 20k
Ω to VDD
11.5
12
12.5
dB
AV = 0dB
56
k
Ω
AV = 3dB
49
k
Ω
RIN
Input Resistance
AV = 6dB
42
k
Ω
AV = 9dB
35
k
Ω
AV = 12dB
20
27
k
Ω
RL = 4Ω, THD = 10%
f = 1kHz, 22kHz BW
VDD = 5V
2.6
W
VDD = 3.3V
1.1
W
VDD = 2.5V
580
mW
RL = 8Ω, THD = 10%
f = 1kHz, 22kHz BW
VDD = 5V
1.6
W
VDD = 3.3V
660
mW
VDD = 2.5V
354
mW
PO
Output Power
RL = 4Ω, THD = 1%
f = 1kHz, 22kHz BW
VDD = 5V
2.1
W
VDD = 3.3V
900
mW
VDD = 2.5V
460
mW
RL = 8Ω, THD = 1%
f = 1kHz, 22kHz BW
VDD = 5V
1.1
1.3
W (min)
VDD = 3.3V
450
530
mW
VDD = 2.5V
286
mW
PO = 200mW, RL = 8Ω, f = 1kHz
0.027
%
THD+N
Total Harmonic Distortion + Noise
PO = 100mW, RL = 8Ω, f = 1kHz
0.03
%
VRIPPLE = 200mVP-P Sine,
Inputs AC GND, AV = 0dB,
PSRR
Power Supply Rejection Ratio
CIN = 1μF
fRIPPLE = 217Hz
71
dB
fRIPPLE = 1kHz
70
dB
VRIPPLE = 1VP-P , fRIPPLE = 217Hz
CMRR
Common Mode Rejection Ratio
65
dB
AV = 0dB
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH + 8Ω, +15µH. For RL
= 4
Ω, the load is 15µH + 4Ω + 15µH.
(3)
Datasheet min/max specification limits are specified by test or statistical analysis.
(4)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com