Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9241AMPIZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9241AMPIZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPIZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9241AMPIZ Datasheet HTML 1Page - Intersil Corporation X9241AMPIZ Datasheet HTML 2Page - Intersil Corporation X9241AMPIZ Datasheet HTML 3Page - Intersil Corporation X9241AMPIZ Datasheet HTML 4Page - Intersil Corporation X9241AMPIZ Datasheet HTML 5Page - Intersil Corporation X9241AMPIZ Datasheet HTML 6Page - Intersil Corporation X9241AMPIZ Datasheet HTML 7Page - Intersil Corporation X9241AMPIZ Datasheet HTML 8Page - Intersil Corporation X9241AMPIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN8164.7
August 17, 2015
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
X9241AMPZ (Note)
(No longer available,
recommended
replacement:
X9241AMSZT1)
X9241AMPZ
5 ±10%
2/10/50
Pot 0 = 2k
Pot 1 = 10k
Pot 2 = 10k
Pot 3 = 50k
0 to +70
20 Ld PDIP***
X9241AMPIZ (Note)
(No longer available,
recommended
replacement:
X9241AMSZT1)
X9241AMPIZ
-40 to +85
20 Ld PDIP***
X9241AMSZ* (Note)
X9241AMS Z
0 to +70
20 Ld SOIC
X9241AMSIZ* (Note)
X9241AMSI Z
-40 to +85
20 Ld SOIC
X9241AMVZ (Note)
X9241AM VZ
0 to +70
20 Ld TSSOP
X9241AMVIZ* (Note)
X9241AM VIZ
-40 to +85
20 Ld TSSOP
X9241AWPIZ (Note)
X9241AWPIZ
10
Pot 0 = 10k
Pot 1 = 10k
Pot 2 = 10k
Pot 3 = 10k
0 to +70
20 Ld PDIP
X9241AWSZ* (Note)
X9241AWS Z
0 to +70
20 Ld SOIC
X9241AWSIZ* (Note)
X9241AWSI Z
-40 to +85
20 Ld SOIC
X9241AWVZ* (Note)
X9241AW VZ
0 to +70
20 Ld TSSOP
X9241AWVIZ* (Note)
X9241AW VIZ
-40 to +85
20 Ld TSSOP
X9241AYPZ (Note)
(No longer available,
recommended
replacement: X9241AYSIZ)
X9241AYPZ
2
Pot 0 = 2k
Pot 1 = 2k
Pot 2 = 2k
Pot 3 = 2k
0 to +70
20 Ld PDIP***
X9241AYSZ* (Note)
X9241AYS Z
0 to +70
20 Ld SOIC
X9241AYSIZ* (Note)
X9241AYSI Z
-40 to +85
20 Ld SOIC
X9241AYVZ (Note)
(No longer available,
recommended
replacement: X9241AYVIZ)
X9241AY VZ
0 to +70
20 Ld TSSOP
X9241AYVIZ* (Note)
X9241AY VIZ
-40 to +85
20 Ld TSSOP
X9241AUPZ (Note)
X9241AUPZ
5 ±10%
50
Pot 0 = 50k
Pot 1 = 50k
Pot 2 = 50k
Pot 3 = 50k
0 to +70
20 Ld PDIP***
X9241AUPIZ (Note)
X9241AUPIZ
-40 to +85
20 Ld PDIP***
X9241AUSZ* (Note)
X9241AUS Z
0 to +70
20 Ld SOIC
X9241AUSIZ* (Note)
X9241AUSI Z
-40 to +85
20 Ld SOIC
X9241AUVZ* (Note)
(No longer available,
recommended
replacement:
X9241AUSZT1)
X9241AU VZ
0 to +70
20 Ld TSSOP
X9241AUVIZ* (Note)
X9241AU VIZ
-40 to +85
20 Ld TSSOP
*Add "T1" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
X9241A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17