Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL6105ALAF Datasheet(PDF) 15 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 11Page - Intersil Corporation ZL6105ALAF Datasheet HTML 12Page - Intersil Corporation ZL6105ALAF Datasheet HTML 13Page - Intersil Corporation ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
ZL6105
15
FN6906.5
December 19, 2013
Power-Good
The ZL6105 provides a Power-Good (PG) signal that indicates the
output voltage is within a specified tolerance of its target level
and no fault condition exists. By default, the PG pin will assert if
the output is within -10% of the target voltage. These limits and
the polarity of the pin may be changed via the I2C/SMBus
interface. See Application Note AN2033 for details.
A PG delay period is defined as the time from when all conditions
within the ZL6105 for asserting PG are met to when the PG pin is
actually asserted. This feature is commonly used instead of using
an external reset controller to control external digital logic. By
default, the ZL6105 PG delay is set equal to the soft-start ramp
time setting. Therefore, if the soft-start ramp time is set to 10ms,
the PG delay will be set to 10ms. The PG delay may be set
independently of the soft-start ramp using the I2C/SMBus as
described in Application Note AN2033.
If Auto Comp is enabled, the PG timing is further controlled by
the PG Assert parameter, as described in “Loop Compensation”
on page 21.
Switching Frequency and PLL
The ZL6105 incorporates an internal phase-locked loop (PLL) to clock
the internal circuitry. The PLL can be driven by an external clock source
connected to the SYNC pin. When using the internal oscillator, the SYNC
pin can be configured as a clock source for other Zilker Labs devices.
The SYNC pin is a unique pin that can perform multiple functions
depending on how it is configured. The CFG1 pin is used to select
the operating mode of the SYNC pin as shown in Table 9.
Figure 13 illustrates the typical connections for each mode.
CONFIGURATION A: SYNC OUTPUT
When the SYNC pin is configured as an output (CFG1 pin is tied HIGH),
the device will run from its internal oscillator and will drive the resulting
internal oscillator signal (preset to 400kHz) onto the SYNC pin so other
devices can be synchronized to it. The SYNC pin will not be checked for
an incoming clock signal while in this mode.
CONFIGURATION B: SYNC INPUT
When the SYNC pin is configured as an input (CFG1 pin is tied LOW) and
the device is in Monitor Mode or self-enabled (EN tied to V25 or
ON_OFF_CONFIG[4] = 0), the device will check for a clock signal on the
SYNC pin immediately after power-up. In this case, the incoming clock
signal must be in the range of 200kHz to 1.4MHz and must be stable
within 10µs after V25 rises above 2.25V. When the SYNC pin is
configured as an input (CFG1 pin is tied LOW) and the device is in Low
Power Mode, the device will check for a clock signal on the SYNC pin
immediately after EN goes true. In this case, the incoming clock signal
must be in range and stable before EN goes true. The ZL6105's
oscillator will then synchronize with the rising edge of the external clock.
The incoming clock signal must be in the range of 200kHz to
1.4MHz and must be stable when the enable pin is asserted. The
clock signal must also exhibit the necessary performance
requirements (see “Electrical Specifications” on page 8). In the
event of a loss of the external clock signal, the output voltage
may show transient over/undershoot.
If this happens, the ZL6105 will automatically switch to its
internal oscillator and switch at a frequency close to the previous
incoming frequency.
CONFIGURATION C: SYNC AUTO DETECT
When the SYNC pin is configured in auto detect mode (CFG1 pin is left
OPEN) and the device is in Monitor Mode or self-enabled (EN tied to V25
or ON_OFF_CONFIG[4] = 0), the device will check for a clock signal on
the SYNC pin immediately after power-up. In this case, the incoming
clock signal must be in the range of 200kHz to 1.4MHz and must be
stable within 10µs after V25 rises above 2.25V. When the SYNC pin is
configured in auto detect mode (CFG1 pin is left OPEN) and the device is
in Low Power Mode, the device will check for a clock signal on the SYNC
pin immediately after EN goes true. In this case, the incoming clock
signal must be in range and stable before EN goes true.
If a clock signal is present, the ZL6105's oscillator will then
synchronize with the rising edge of the external clock. Refer to
“Configuration B: SYNC INPUT” in the preceding section.
If no incoming clock signal is present, the ZL6105 will configure
the switching frequency according to the state of the SYNC pin as
listed in Table 10. In SYNC AutoDetect mode, the ZL6105 will
only read the SYNC pin connection during the first start-up
sequence; changes to SYNC pin connections will not affect fSW
until the power (VDD) is cycled off and on.
If the user wishes to run the ZL6105 at a frequency not listed in
Figure 10, the switching frequency can be set using an external
resistor, RSYNC, connected between SYNC and SGND using Table 11.
TABLE 8. MINIMUM TON DELAY vs OPERATING MODE
Current
Sharing
AutoComp
Low-Power
Standby
Min.
TON_DELAY
(ms)
X
Disabled
False
5
Disabled
Enabled
False
5
Disabled
X
True
10
Enabled
Disabled
True
15
Enabled
Enabled
X
15
TABLE 9. SYNC PIN FUNCTION SELECTION
CFG1 PIN
SYNC PIN FUNCTION
LOW
SYNC is configured as an input
OPEN
Auto Detect mode
HIGH
SYNC is configured as an output
fSW = 400kHz
TABLE 10. SWITCHING FREQUENCY PIN-STRAP SETTINGS
SYNC PIN
FREQUENCY
LOW
200kHz
OPEN
400kHz
HIGH
1MHz
Resistor
See Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com