Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIC3412 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC3412
Description  Low IQ High Light Load Efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3412 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC3412 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3412 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC3412
Low IQ High Light Load Efficiency
Synchronous Boost Converter
Analog Integrations Corporation
3A1, 1 Lihsin 1st Rd., Science Park, Hsinchu 300, Taiwan, R.O.C.
DS-3412G-03
20141105
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Deliver 3.3V at 60mA from a Single Alka-
line/Ni-MH or 3.3V at 120mA from Two Cells
Up to 94% Efficiency
Low Shutdown Current: < 1
μA
Low Quiescent Current: 12
μA.
Low No-load Input Current (see Typical Perfor-
mance Characteristics for detail)
Output Disconnect by Shutdown Function
Small SOT23-6 Package
APPLICATIONS
Wireless Mice
Medical Instruments
Smart Phones
Bluetooth Devices
DESCRIPTION
The AIC3412 is a synchronous step-up DC/DC con-
verter. That is base on constant Off Time/PSM con-
troller topology. The IC enters PSM mode automatically
at light load, the goal is to improve efficiency and re-
duce quiescent current. The AIC3412 provide a com-
plete power supply solution for products powered by
one or two Alkaline, Ni-Cd, or Ni-MH battery cells. It
stays in operation with supply voltages down to 0.7V.
The implemented boost converter is based on a con-
stant Off Time/PSM controller topology using an inter-
nal synchronous rectifier to obtain maximum efficiency.
A low-EMI mode is implemented to reduce ringing and
in effect lower radiated electromagnetic energy when
the converter enters the discontinuous conduction
mode.
TYPICAL APPLICATION CIRCUITS
Fig. 1
One Cell Step-Up DC/DC Converter


Similar Part No. - AIC3412

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
1.2MHz Synchronous Step-Up Converter
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
1.0A Synchronous Step-Up Converter
More results

Similar Description - AIC3412

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
Ultra light load high efficiency
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
Ultra light load high efficiency
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
Light Load High Efficiency, 31V, Buck Regulator
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
Light Load High Efficiency, 31V, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com