Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HPI307R2 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # HPI307R2
Description  Plastic mold package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

HPI307R2 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  HPI307R2 Datasheet HTML 1Page - KODENSHI_AUK CORP. HPI307R2 Datasheet HTML 2Page - KODENSHI_AUK CORP. HPI307R2 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
電気的光学的特性
特長
Plastic mold package
High-speed response
High output power
用途
煙検知
Smoke detectors
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit.
(Ta=25℃)
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動作温度
保存温度
半田付温度
Topr.
Tstg.
Tsol.
-30~+70
-40~+80
260
(Ta=25℃)
逆電圧
VR
35
V
Reverse voltage
Operating temp.
Storage temp.
Soldering temp.
PIN PHOTODIODES
樹脂モールドタイプ
高速応答
高出力
Sep.2012
HPI307R2は、可視光カットフィルターモールドタイプの高速応答、高出力のシリコンPIN形フォトダイオードです。
The HPI307R2 is a high-speed response of the visible, optical cutting filter molding type, and silicon PIN type
photodiode of high power.
PINフォトダイオード
FEATURES
APPLICATIONS
ELECTRO-OPTICAL CHARACTERISTICS
*1. リード根元より2mm離れた所で t=5 s
For MAX. 5 seconds at the position of 2mm from the resin edge
*1
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
開放電圧
短絡電流
暗電流
端子間容量
開放電圧温度係数
短絡電流温度係数
分光感度
ピーク感度波長
半値角
Open circuit voltage
Short circuit current
Dark current
Capacitance
Temperature coefficient of Voc
Temperature coefficient of Isc
Spectral sensitivity
Peak wavelength
Half angle
VOC
I SC
Id
Ct
αt
βt
λ
λp
Δθ
EV=1,000Lx
*2
EV=1,000Lx
*2
VR=10V
V=0V,f=1MHz
40
0.35
65
95
-2.2
0.18
700~1050
920
±70
30
V
μA
nA
pF
mV/℃
%/℃
nm
nm
deg
*2. 色温度=2856K標準タングステン電球
Color temp. = 2856K standard Tungsten lamp
HPI307R2


Similar Part No. - HPI307R2

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
PIN PHOTODIODES
More results

Similar Description - HPI307R2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4714CP MITSUBISHI-MGF4714CP Datasheet
17Kb / 3P
PLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT
logo
List of Unclassifed Man...
LBT-121 ETC-LBT-121 Datasheet
155Kb / 3P
Compact package based on the double-mold method.
logo
Leshan Radio Company
L2SC4226T1G LRC-L2SC4226T1G Datasheet
175Kb / 5P
High-Frequency Amplifier Transistor Small Mini Mold Package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Toshiba Semiconductor
U1JC44TE12L TOSHIBA-U1JC44TE12L Datasheet
205Kb / 4P
Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
logo
Wolfgang Knap
SD5VOLT-BILD WK-SD5VOLT-BILD Datasheet
221Kb / 1P
PLASTIC MOLD 5V SMD OSCILLATORS
logo
Rohm
RF4E075AT ROHM-RF4E075AT Datasheet
2Mb / 12P
High Power small mold Package
RQ5A030AP ROHM-RQ5A030AP Datasheet
2Mb / 12P
High Power small mold Package
RQ5L015SP ROHM-RQ5L015SP Datasheet
2Mb / 12P
High Power small mold Package
logo
KODENSHI_AUK CORP.
EL321 KODENSHI-EL321 Datasheet
141Kb / 3P
Plastic mold package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com