Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24C08 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C08
Description  8K/16K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C08 Datasheet(HTML) 1 Page - Microchip Technology

  24C08 Datasheet HTML 1Page - Microchip Technology 24C08 Datasheet HTML 2Page - Microchip Technology 24C08 Datasheet HTML 3Page - Microchip Technology 24C08 Datasheet HTML 4Page - Microchip Technology 24C08 Datasheet HTML 5Page - Microchip Technology 24C08 Datasheet HTML 6Page - Microchip Technology 24C08 Datasheet HTML 7Page - Microchip Technology 24C08 Datasheet HTML 8Page - Microchip Technology 24C08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21081D-page 1
FEATURES
• Single supply with operation from 4.5-5.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• Organized as 4 or 8 blocks of 256 bytes
(4 x 256 x 8) or (8 x 256 x 8)
• 2-wire serial interface bus, I2C
™ compatible
• Schmitt trigger, filtered inputs for noise suppres-
sion
• Output slope control to eliminate ground bounce
• 100 kHz compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• ESD protection > 4,000V
• 1,000,000 ERASE/WRITE cycles guaranteed
• Data retention > 200 years
• 8-pin DIP, 8-lead or 14-lead SOIC packages
• Available for extended temperature range
DESCRIPTION
The Microchip Technology Inc. 24C08B/16B is an 8K or
16K bit Electrically Erasable PROM intended for use in
extended/automotive temperature ranges. The device
is organized as four or eight blocks of 256 x 8-bit mem-
ory with a 2-wire serial interface. The 24C08B/16B also
has a page-write capability for up to 16 bytes of data.
The 24C08B/16B is available in the standard 8-pin DIP
and both 8-lead and 14-lead surface mount SOIC pack-
ages.
- Automotive (E):
-40˚C to +125˚C
PACKAGE TYPES
BLOCK DIAGRAM
NC
SS
CC
A0
A1
NC
A2
NC
V
1
2
3
4
5
6
7
14
13
12
NC
SCL
SDA
NC
9
8
11
10
WP
V
NC
14-lead
SOIC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP
8-lead
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
WP
SDA
SCL
VCC
VSS
24C08B/16B
8K/16K 5.0V I2C™ Serial EEPROMs
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24C08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C08 STMICROELECTRONICS-24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C08 ESTEK-24C08 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C08 TGS-24C08 Datasheet
399Kb / 15P
Two-wire Serial EEPROM
logo
ATMEL Corporation
24C08 ATMEL-24C08 Datasheet
302Kb / 19P
Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - 24C08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
4K/8K 2.5V I 2 C Serial EEPROMs
2007
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
10/26/12
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com