Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC21A-IP Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC21A-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21A-IP Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC21A-IP Datasheet HTML 8Page - Microchip Technology 24LC21A-IP Datasheet HTML 9Page - Microchip Technology 24LC21A-IP Datasheet HTML 10Page - Microchip Technology 24LC21A-IP Datasheet HTML 11Page - Microchip Technology 24LC21A-IP Datasheet HTML 12Page - Microchip Technology 24LC21A-IP Datasheet HTML 13Page - Microchip Technology 24LC21A-IP Datasheet HTML 14Page - Microchip Technology 24LC21A-IP Datasheet HTML 15Page - Microchip Technology 24LC21A-IP Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2003 Microchip Technology Inc.
DS21160F-page 13
24LC21A
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
WORD
ADDRESS
DATA n
A
C
K
S
T
A
R
T
N
O
S
T
A
R
CONTROL
BYTE
A
C
K
A
C
K
SS
T
P
S
T
O
P
10 1 0 0 0 00
0
0
0
0
01
1
1
A
C
K
A
C
K
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
DATA n
DATA n+1
DATA n+2
DATA n+X
A
C
K
A
C
K
A
C
K
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com