Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13003L-H-X-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13003L-H-X-T92-R
Description  NPN SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-H-X-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13003L-H-X-T92-R Datasheet HTML 1Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 2Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 3Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 4Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 5Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 6Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 7Page - Unisonic Technologies MJE13003L-H-X-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJE13003-H
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R223-010.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Base Voltage
VCBO
900
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
1.5
A
Peak (1)
ICM
3
Base Current
Continuous
IB
0.75
A
Peak (1)
IBM
1.5
Emitter Current
Continuous
IE
2.25
A
Peak (1)
IEM
4.5
Power Dissipation
TA=25°C
TO-126 / TO-126C
TO-126S
PD
1.4
W
TO-92 / TO-92NL
1.1
W
TO-220
2
W
TO-251 / TO-252
1.56
W
TC=25°C
TO-126 / TO-126C
TO-126S
20
W
TO-92 / TO-92NL
1.5
W
TO-220
40
W
TO-251 / TO-252
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com