Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13005L-K-X-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJE13005L-K-X-TN3-R
Description  NPN SILICON POWER TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005L-K-X-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MJE13005L-K-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 6Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 7Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 8Page - Unisonic Technologies MJE13005L-K-X-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MJE13005-K
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R203-045.E
APPLICATION INFORMATION
Table 1.Test Conditions for Dynamic Performance
Reverse Bias Safe Operating Area and Inductive Switching
Resistive
Switching
Pw
5V
DUTY CYCLE≦10%
tr, tf≦10ns
68
0.001μF
1k
1N4933
0.02μF 270
+5V
1k
1k
33 1N4933
1N4933
33
+5V
RB
MJE210
IB
2N2222
2N2905
47
1/2W
100
MJE200
-VBE(off)
T.U.T.
Vcc
MR826*
Vclamp
*SELECTED FOR≧1kV
5.1k
51
VCE
L
Ic
Note:
PW and Vcc Adjusted for Desired Ic
RB Adjusted for Desired IB1
+125V
RB
D1
-4.0V
SCOPE
Rc
TUT
Coil Data :
GAP for 200μH/20 A
VCC=20V
FERROXCUBE core #6656
LCOIL=200μH
VCLAMP=300V
Full Bobbin ( ~ 16 Turns) #16
VCC=125V
RC=62Ω
D1=1n5820 or
Equiv.
RB=22Ω
OUTPUT WAVEFORMS
IC
IC(PK)
tF UNCLAMPED t2
t
tf
t1
VCE
TIME
t2
t
VCE or
VCLAMP
tF CLAMPED
t1 Adjusted to
Obtain Ic
Test Equipment
Scope-Tektronics
475 or Equivalent
t1=
LCOIL(ICPK)
VCC
t2=
LCOIL(ICPK)
V
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com