Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJE13005L-K-X-T60-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13005L-K-X-T60-R
Description  NPN SILICON POWER TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005L-K-X-T60-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13005L-K-X-T60-R Datasheet HTML 1Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 2Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 3Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 4Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 5Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 6Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 7Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 8Page - Unisonic Technologies MJE13005L-K-X-T60-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13005-K
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R203-045.E
NPN SILICON POWER
TRANSISTORS
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical.
They are particularly suited for 115 and 220 V SWITCHMODE.
FEATURES
* VCEO(SUS)= 400 V
* Reverse bias SOA with inductive loads @ TC = 100°С
* Inductive switching matrix 2 to 4 Amp, 25 and 100°С
tC @ 3A, 100°С is 180 ns (Typ)
* 700V blocking capability
* SOA and switching applications information
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MJE13005L-K-x-TA3-T
MJE13005G-K-x-TA3-T
TO-220
B
C
E
Tube
MJE13005L-K-x-TF3-T
MJE13005G-K-x-TF3-T
TO-220F
B
C
E
Tube
MJE13005L-K-x-TM3-T
MJE13005G-K-x-TM3-T
TO-251
B
C
E
Tube
MJE13005L-K-x-TMS4-T
MJE13005G-K-x-TMS4-T
TO-251S4
B
C
E
Tube
MJE13005L-K-x-TN3-R
MJE13005G-K-x-TN3-R
TO-252
B
C
E
Tape Reel
MJE13005L-K-x-T60-R
MJE13005G-K-x-T60-K
TO-126
B
C
E
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
(1)T: Tube, R: Tape Reel, K: Bulk
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
(2) TMS4: TO-251S4, TN3: TO-252, T60: TO-126
(3) x: refer to Classification of hFE1
(4) L: Lead Free, G: Halogen Free and Lead Free
MJE13005L-K-x-TA3-T
(1)Packing Type
(2)Package Type
(4)Green Package
(3)Rank
MARKING
TO-220 / TO-220F / TO-251
TO-251S4 / TO-252
TO-126


Similar Part No. - MJE13005L-K-X-T60-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005L-K-A-TA3-T UTC-MJE13005L-K-A-TA3-T Datasheet
399Kb / 9P
NPN SILICON POWER TRANSISTORS
MJE13005L-K-B-TM3-T UTC-MJE13005L-K-B-TM3-T Datasheet
399Kb / 9P
NPN SILICON POWER TRANSISTORS
MJE13005L-K-C-TN3-R UTC-MJE13005L-K-C-TN3-R Datasheet
399Kb / 9P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13005L-K-X-T60-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com