Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC61-IP Datasheet(PDF) 15 Page - Microchip Technology

Part # 24LC61-IP
Description  1K/2K Software Addressable I 2 C ??Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC61-IP Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24LC61-IP Datasheet HTML 8Page - Microchip Technology 24LC61-IP Datasheet HTML 9Page - Microchip Technology 24LC61-IP Datasheet HTML 10Page - Microchip Technology 24LC61-IP Datasheet HTML 11Page - Microchip Technology 24LC61-IP Datasheet HTML 12Page - Microchip Technology 24LC61-IP Datasheet HTML 13Page - Microchip Technology 24LC61-IP Datasheet HTML 14Page - Microchip Technology 24LC61-IP Datasheet HTML 15Page - Microchip Technology 24LC61-IP Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
24LCS61/62
© 1997 Microchip Technology Inc.
Preliminary
DS21226A-page 15
24LCS61/62 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body)
ST = TSSOP, 8-lead
Temperature
Range:
Blank = 0˚C to +70˚C
I = –40˚C to +85˚C
Device:
24LCS61
1K 2.5V I2C Serial EEPROM
24LCS61T
1K 2.5V I2C Serial EEPROM (Tape and Reel)
24LCS62
2K 2.5V I2C Serial EEPROM
24LCS62T
2K 2.5V I2C Serial EEPROM (Tape and Reel)
24LCS61/62
—
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office (see last page).
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com