Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLS205B0LDV Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS205B0LDV
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0LDV Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS205B0LDV Datasheet HTML 1Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 2Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 3Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 4Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 5Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 6Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 7Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 8Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Type
Package
Marking
TLS205B0EJV
PG-DSO-8 Exposed Pad
205B0V
TLS205B0EJV33
PG-DSO-8 Exposed Pad
205B0V33
TLS205B0LDV
PG-TSON-10
205B0V
TLS205B0LDV33
PG-TSON-10
205B0V3
PG-DSO-8 Exposed Pad
PG-TSON-10
Data Sheet
2
Rev. 1.2, 2015-01-15
Linear Voltage Post Regulator
Low Dropout, Low Noise, 3.3 V, Adjustable, 500 mA
TLS205B0
1Overview
Features
•
Low Noise down to 24
µV
RMS (BW = 10 Hz to 100 kHz)
•
500 mA Current Capability
•
Low Quiescent Current: 30 µA
•
Wide Input Voltage Range up to 20 V
•
Internal circuitry working down to 2.3 V
•
2.5% Output Voltage Accuracy (over full temperature and load range)
•
Low Dropout Voltage: 320 mV
•
Very low Shutdown Current: < 1 µA
•
No Protection Diodes Needed
•
Fixed Output Voltage: 3.3 V
•
Adjustable Version with Output from 1.22 V to 20 V
•
Stable with ≥ 3.3 µF Output Capacitor
•
Stable with Aluminium, Tantalum or Ceramic Output Capacitors
•
Reverse Polarity Protection
•
No Reverse Current
•
Overcurrent and Overtemperature Protected
•
PG-DSO-8 Exposed Pad and PG-TSON-10 Exposed Pad Package
•
Suitable for Use in Automotive Electronics as Post Regulator
•
Green Product (RoHS compliant)
•
AEC Qualified
The TLS205B0 is a micropower, low noise, low dropout voltage regulator. The device is capable of supplying an
output current of 500 mA with a dropout voltage of 320 mV. Designed for use in battery-powered systems, the low
quiescent current of 30 µA makes it an ideal choice.
A key feature of the TLS205B0 is its low output noise. By adding an external 10 nF bypass capacitor output noise
values down to 24
µV
RMS over a 10 Hz to 100 kHz bandwidth can be reached. The TLS205B0 voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com