Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2510 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 37Page - Microchip Technology MCP2510 Datasheet HTML 38Page - Microchip Technology MCP2510 Datasheet HTML 39Page - Microchip Technology MCP2510 Datasheet HTML 40Page - Microchip Technology MCP2510 Datasheet HTML 41Page - Microchip Technology MCP2510 Datasheet HTML 42Page - Microchip Technology MCP2510 Datasheet HTML 43Page - Microchip Technology MCP2510 Datasheet HTML 44Page - Microchip Technology MCP2510 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 41
MCP2510
6.0
ERROR DETECTION
The CAN protocol provides sophisticated error detec-
tion mechanisms. The following errors can be detected.
6.1
CRC Error
With the Cyclic Redundancy Check (CRC), the trans-
mitter calculates special check bits for the bit sequence
from the start of a frame until the end of the data field.
This CRC sequence is transmitted in the CRC Field.
The receiving node also calculates the CRC sequence
using the same formula and performs a comparison to
the received sequence. If a mismatch is detected, a
CRC error has occurred and an error frame is gener-
ated. The message is repeated.
6.2
Acknowledge Error
In the acknowledge field of a message, the transmitter
checks if the acknowledge slot (which has sent out as
a recessive bit) contains a dominant bit. If not, no other
node has received the frame correctly. An acknowl-
edge error has occurred; an error frame is generated;
and the message will have to be repeated.
6.3
Form Error
lf a node detects a dominant bit in one of the four seg-
ments including end of frame, interframe space,
acknowledge delimiter or CRC delimiter; then a form
error has occurred and an error frame is generated.
The message is repeated.
6.4
Bit Error
A Bit Error occurs if a transmitter sends a dominant bit
and detects a recessive bit or if it sends a recessive bit
and detects a dominant bit when monitoring the actual
bus level and comparing it to the just transmitted bit. In
the case where the transmitter sends a recessive bit
and a dominant bit is detected during the arbitration
field and the acknowledge slot, no bit error is generated
because normal arbitration is occurring.
6.5
Stuff Error
lf, between the start of frame and the CRC delimiter, six
consecutive bits with the same polarity are detected,
the bit stuffing rule has been violated. A stuff error
occurs and an error frame is generated. The message
is repeated.
6.6
Error States
Detected errors are made public to all other nodes via
error frames. The transmission of the erroneous mes-
sage is aborted and the frame is repeated as soon as
possible. Furthermore, each CAN node is in one of the
three error states “error-active”, “error-passive” or
“bus-off” according to the value of the internal error
counters. The error-active state is the usual state
where the bus node can transmit messages and active
error frames (made of dominant bits) without any
restrictions. In the error-passive state, messages and
passive error frames (made of recessive bits) may be
transmitted. The bus-off state makes it temporarily
impossible for the station to participate in the bus com-
munication. During this state, messages can neither be
received nor transmitted.
6.7
Error Modes and Error Counters
The MCP2510 contains two error counters: the
Receive Error Counter (REC) (see Register 6-2), and
the Transmit Error Counter (TEC) (see Register 6-1).
The values of both counters can be read by the MCU.
These counters are incremented or decremented in
accordance with the CAN bus specification.
The MCP2510 is error-active if both error counters are
below the error-passive limit of 128. It is error-passive
if at least one of the error counters equals or exceeds
128. It goes to bus-off if the transmit error counter
equals or exceeds the bus-off limit of 256. The device
remains in this state, until the bus-off recovery
sequence is received. The bus-off recovery sequence
consists of 128 occurrences and 11 consecutive reces-
sive bits (see Figure 6-1). Note that the MCP2510, after
going bus-off, will recover back to error-active, without
any intervention by the MCU, if the bus remains idle for
128 X 11 bit times. If this is not desired, the error inter-
rupt service routine should address this. The current
error mode of the MCP2510 can be read by the MCU
via the EFLG register (Register 6-3).
Additionally, there is an error state warning flag bit,
EFLG:EWARN, which is set if at least one of the error
counters equals or exceeds the error warning limit of
96. EWARN is reset if both error counters are less than
the error warning limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com