Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3202 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3202
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3202 Datasheet HTML 11Page - Microchip Technology MCP3202 Datasheet HTML 12Page - Microchip Technology MCP3202 Datasheet HTML 13Page - Microchip Technology MCP3202 Datasheet HTML 14Page - Microchip Technology MCP3202 Datasheet HTML 15Page - Microchip Technology MCP3202 Datasheet HTML 16Page - Microchip Technology MCP3202 Datasheet HTML 17Page - Microchip Technology MCP3202 Datasheet HTML 18Page - Microchip Technology MCP3202 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21034A-page 15
MCP3202
6.0
APPLICATIONS INFORMATION
6.1
Using the MCP3202 with
Microcontroller (MCU) SPI Ports
With most microcontroller SPI ports, it is required to
send groups of eight bits. It is also required that the
microcontroller SPI port be configured to clock out data
on the falling edge of clock and latch data in on the rising
edge. Depending on how communication routines are
used, it is very possible that the number of clocks
required for communication will not be a multiple of eight.
Therefore, it may be necessary for the MCU to send
more clocks than are actually required. This is usually
done by sending ‘leading zeros’ before the start bit,
which are ignored by the device. As an example,
Figure 6-1 and Figure 6-2 show how the MCP3202 can
be interfaced to a MCU with a hardware SPI port.
Figure 6-1 depicts the operation shown in SPI Mode 0,0,
which requires that the SCLK from the MCU idles in the
‘low’ state, while Figure 6-2 shows the similar case of
SPI Mode 1,1 where the clock idles in the ‘high’ state.
As shown in Figure 6-1, the first byte transmitted to the
A/D Converter contains seven leading zeros before the
start bit. Arranging the leading zeros this way produces
the output 12 bits to fall in positions easily manipulated
by the MCU. The MSB is clocked out of the A/D Con-
verter on the falling edge of clock number 12. After the
second eight clocks have been sent to the device, the
MCU receive buffer will contain three unknown bits (the
output is at high impedance until the null bit is clocked
out), the null bit and the highest order four bits of the
conversion. After the third byte has been sent to the
device, the receive register will contain the lowest order
eight bits of the conversion results. Easier manipulation
of the converted data can be obtained by using this
method.
FIGURE 6-1:
SPI Communication using 8-bit segments (Mode 0,0: SCLK idles low).
FIGURE 6-2:
SPI Communication using 8-bit segments (Mode 1,1: SCLK idles high).
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
CS
SCLK
DIN
X = Don’t Care Bits
17
18
19
20
21
22
23
24
DOUT
NULL
BIT
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
HI-Z
MCU latches data from A/D Converter
Data is clocked out of
A/D Converter on falling edges
on rising edges of SCLK
Don’t Care
Start
XXX
XX
XX
X
X
X
X
X
XX
X
X
XX
B7
B6
B5
B4
B3
B2
B1
B0
B11
B10
B9
B8
0
XX
XXXX
XX
XXX
1
Start
Bit
(Null)
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
MSBF
SGL/
DIFF
X
X
SGL/
DIFF
ODD/
SIGN
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
Data stored into MCU receive register
after transmission of last 8 bits
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
CS
SCLK
DIN
X = Don’t Care Bits
17
18
19
20
21
22
23
24
DOUT
Don’t Care
NULL
BIT
B11
B10
B9
B8
B6
B5
B4
B3
B2
B1
B0
HI-Z
000
0
0
0
XX
X
X
X
XXX
X
X
XX
X
B7
B6
B5
B4
B3
B2
B1
B0
B11
B10
B9
B8
0
XXX
XXXX
X
XXX
MCU latches data from A/D Converter
on rising edges of SCLK
Data is clocked out of
A/D Converter on falling edges
Start
Bit
(Null)
Start
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
1
0
SGL/
DIFF
ODD/
SIGN
MSBF
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
Data stored into MCU receive register
after transmission of last 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com