Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3204 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 2 Page - Microchip Technology

  MCP3204 Datasheet HTML 1Page - Microchip Technology MCP3204 Datasheet HTML 2Page - Microchip Technology MCP3204 Datasheet HTML 3Page - Microchip Technology MCP3204 Datasheet HTML 4Page - Microchip Technology MCP3204 Datasheet HTML 5Page - Microchip Technology MCP3204 Datasheet HTML 6Page - Microchip Technology MCP3204 Datasheet HTML 7Page - Microchip Technology MCP3204 Datasheet HTML 8Page - Microchip Technology MCP3204 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP3204/3208
DS21298B-page 2
Preliminary
© 1999 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
V
DD......................................................................... 7.0V
All inputs and outputs w.r.t. V
SS ...... -0.6V to VDD +0.6V
Storage temperature ..........................-65°C to +150°C
Ambient temp. with power applied......-65°C to +125°C
Soldering temperature of leads (10 seconds) .. +300°C
ESD protection on all pins ................................... > 4kV
*Notice: Stresses above those listed under “Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
PIN FUNCTION TABLE
NAME
FUNCTION
V
DD
DGND
AGND
CH0-CH7
CLK
D
IN
D
OUT
CS/SHDN
V
REF
+2.7V to 5.5V Power Supply
Digital Ground
Analog Ground
Analog Inputs
Serial Clock
Serial Data In
Serial Data Out
Chip Select/Shutdown Input
Reference Voltage Input
ELECTRICAL CHARACTERISTICS
All parameters apply at V
DD = 5V, VSS = 0V, VREF = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 100ksps and
f
CLK = 20*fSAMPLE, unless otherwise noted.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Conversion Rate
Conversion Time
t
CONV
12
clock
cycles
Analog Input Sample Time
tSAMPLE
1.5
clock
cycles
Throughput Rate
f
SAMPLE
100
50
ksps
ksps
V
DD = VREF = 5V
V
DD = VREF = 2.7V
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
INL
±0.75
±1
±1
±2
LSB
MCP3204/3208-B
MCP3204/3208-C
Differential Nonlinearity
DNL
±0.5
±1
LSB
No missing codes over
temperature
Offset Error
±1.25
±3
LSB
Gain Error
±1.25
±5
LSB
Dynamic Performance
Total Harmonic Distortion
-82
dB
VIN = 0.1V to 4.9V@1kHz
Signal to Noise and Distortion
(SINAD)
72
dB
VIN = 0.1V to 4.9V@1kHz
Spurious Free Dynamic
Range
86
dB
VIN = 0.1V to 4.9V@1kHz
Reference Input
Voltage Range
0.25
V
DD
VNote 2
Current Drain
100
0.001
150
3
µA
µA
CS = V
DD = 5V
Analog Inputs
Input Voltage Range for
CH0-CH7 in Single-Ended
Mode
V
SS
V
REF
V
Input Voltage Range for IN+ In
pseudo-differential Mode
IN-
V
REF+IN-
Input Voltage Range for IN- In
pseudo-differential Mode
V
SS-100
V
SS+100
mV
Leakage Current
0.001
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com