Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3202-CIST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3202-CIST
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202-CIST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3202-CIST Datasheet HTML 8Page - Microchip Technology MCP3202-CIST Datasheet HTML 9Page - Microchip Technology MCP3202-CIST Datasheet HTML 10Page - Microchip Technology MCP3202-CIST Datasheet HTML 11Page - Microchip Technology MCP3202-CIST Datasheet HTML 12Page - Microchip Technology MCP3202-CIST Datasheet HTML 13Page - Microchip Technology MCP3202-CIST Datasheet HTML 14Page - Microchip Technology MCP3202-CIST Datasheet HTML 15Page - Microchip Technology MCP3202-CIST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCP3202
DS21034A-page 12
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 4-1:
Analog Input Model.
FIGURE 4-2: Maximum Clock Frequency vs. Input
Resistance (R
S)
to maintain less than a 0.1 LSB
deviation in INL from nominal conditions.
C
PIN
VA
R
S
CHx
7pF
V
T = 0.6V
V
T = 0.6V
I
LEAKAGE
Sampling
Switch
SS
R
SS = 1kΩ
C
SAMPLE
= DAC capacitance
V
SS
V
DD
= 20 pF
±1nA
= Signal Source
= Source Impedance
= Input Channel Pad
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin
due to various junctions
= Sampling Switch
= Sampling Switch Resistor
= Sample/Hold Capacitance
VA
R
S
CHx
C
PIN
V
T
I
LEAKAGE
SS
R
SS
C
SAMPLE
Legend
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
1000
10000
Input Resistance (Ohms)
V
DD = 5V
V
DD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com