Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2984CT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2984CT/NOPB
Description  LM2984C Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2984CT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2984CT/NOPB Datasheet HTML 3Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 4Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 5Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 6Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 7Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 8Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 9Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 10Page - Texas Instruments LM2984CT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Block Diagram
TLH8821 – 2
Pin Description
Pin No
Pin Name
Comments
1VIN
Positive supply input voltage
2Rt
Sets internal timing currents
3Ct
Sets power-up reset delay timing
4
m
Pmon
Microcomputer monitor input
5Cmon
Sets mC monitor timing
6
Ground
Regulator ground
7
Reset
Reset error flag output
8
ONOFF
Enablesdisables high current regulators
9Vstandby
Standby regulator output (75 mA)
10
Vbuffer
Buffer regulator output (100 mA)
11
VOUT
Main regulator output (500 mA)
External Components
Component
Typical Value
Component Range
Comments
CIN
1 mF
047 mF–10 mF
Required if device is located far from power supply filter
Rt
130k
24k – 12M
Sets internal timing currents
Ct
033 mF
0033 mF – 33 mF
Sets power-up reset delay
Ctc
001 mF
0001 mF – 01 mF
Establishes time constant of AC coupled computer monitor
Rtc
10k
1k – 100k
Establishes time constant of AC coupled computer monitor (See
applications section)
Cmon
047 mF
0047 mF – 47 mF
Sets time window for computer monitor Also determines period and pulse
width of computer malfunction reset (See applications section)
Rrst
10k
5k – 100k
Load for open collector reset output Determined by computer reset input
requirements
Cstby
10 mF10 mF – no bound
A 10 mF is required for stability but larger values can be used to maintain
regulation during transient conditions
Cbuf
10 mF10 mF – no bound
A 10 mF is required for stability but larger values can be used to maintain
regulation during transient conditions
COUT
10 mF10 mF – no bound
A 10 mF is required for stability but larger values can be used to maintain
regulation during transient conditions
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com