Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62BT Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16LC62BT
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62BT Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16LC62BT Datasheet HTML 57Page - Microchip Technology PIC16LC62BT Datasheet HTML 58Page - Microchip Technology PIC16LC62BT Datasheet HTML 59Page - Microchip Technology PIC16LC62BT Datasheet HTML 60Page - Microchip Technology PIC16LC62BT Datasheet HTML 61Page - Microchip Technology PIC16LC62BT Datasheet HTML 62Page - Microchip Technology PIC16LC62BT Datasheet HTML 63Page - Microchip Technology PIC16LC62BT Datasheet HTML 64Page - Microchip Technology PIC16LC62BT Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 61
TABLE 10-6
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
W62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
62B
72A
N/A
N/A
N/A
TMR0
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
62B
72A
0000h
0000h
PC + 1(2)
STATUS
62B
72A
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(4)
62B
72A
--0x 0000
--0u 0000
--uu uuuu
PORTB(5)
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC(5)
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
62B
72A
---0 0000
---0 0000
---u uuuu
INTCON
62B
72A
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
62B
72A
---- 0000
---- 0000
---- uuuu(1)
62B
72A
-0-- 0000
-0-- 0000
-u-- uuuu(1)
TMR1L
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
62B
72A
--00 0000
--uu uuuu
--uu uuuu
TMR2
62B
72A
0000 0000
0000 0000
uuuu uuuu
T2CON
62B
72A
-000 0000
-000 0000
-uuu uuuu
SSPBUF
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
62B
72A
0000 0000
0000 0000
uuuu uuuu
CCPR1L
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
62B
72A
--00 0000
--00 0000
--uu uuuu
ADRES
62B
72A
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
62B
72A
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
62B
72A
1111 1111
1111 1111
uuuu uuuu
TRISA
62B
72A
--11 1111
--11 1111
--uu uuuu
TRISB
62B
72A
1111 1111
1111 1111
uuuu uuuu
TRISC
62B
72A
1111 1111
1111 1111
uuuu uuuu
PIE1
62B
72A
---- 0000
---- 0000
---- uuuu
62B
72A
-0-- 0000
-0-- 0000
-u-- uuuu
PCON
62B
72A
---- --0q
---- --uq
---- --uq
PR2
62B
72A
1111 1111
1111 1111
1111 1111
SSPADD
62B
72A
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
62B
72A
0000 0000
0000 0000
uuuu uuuu
ADCON1
62B
72A
---- -000
---- -000
---- -uuu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3: See Table 10-5 for reset value for specific condition.
4: On any device reset, these pins are configured as inputs.
5: This is the value that will be in the port output latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com