Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

27C512A-15EVS Datasheet(PDF) 4 Page - Microchip Technology

Part # 27C512A-15EVS
Description  512K (64K x 8) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C512A-15EVS Datasheet(HTML) 4 Page - Microchip Technology

  27C512A-15EVS Datasheet HTML 1Page - Microchip Technology 27C512A-15EVS Datasheet HTML 2Page - Microchip Technology 27C512A-15EVS Datasheet HTML 3Page - Microchip Technology 27C512A-15EVS Datasheet HTML 4Page - Microchip Technology 27C512A-15EVS Datasheet HTML 5Page - Microchip Technology 27C512A-15EVS Datasheet HTML 6Page - Microchip Technology 27C512A-15EVS Datasheet HTML 7Page - Microchip Technology 27C512A-15EVS Datasheet HTML 8Page - Microchip Technology 27C512A-15EVS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
27C512A
DS11173E-page 4
© 1996 Microchip Technology Inc.
TABLE 1-4:
PROGRAMMING DC CHARACTERISTICS
TABLE 1-5:
PROGRAMMING AC CHARACTERISTICS
Ambient Temperature: Tamb = 25
°C ± 5°C
VCC = 6.5V
± 0.25V, OE/VPP = VH = 13.0V ± 0.25V
Parameter
Status
Symbol
Min.
Max.
Units
Conditions (See Note 1)
Input Voltages
Logic “1”
Logic “0”
VIH
VIL
2.0
-0.1
VCC+1
0.8
V
V
Input Leakage
—
ILI
-10
10
µAVIN = 0V to VCC
Output Voltages
Logic “1”
Logic “0”
VOH
VOL
2.4
—
0.45
V
V
IOH = -400
µA
IOL = 2.1 mA
VCC Current, program & verify
—
ICC2
—35
mA
CE = VIL
OE/VPP Current, program
—
IPP2
—25
mA
A9 Product Identification
—
VID
11.5
12.5
V
Note 1: VCC must be applied simultaneously or before VPP voltage on OE/VPP and removed simultaneously or after
the VPP voltage on OE/VPP.
for Program, Program Verify
AC Testing Waveform:
VIH=2.4V and VIL=0.45V; VOH=2.0V; VOL=0.8V
and Program Inhibit Modes
Ambient Temperature:
25
°C ±5°C
VCC = 6.5V
± 0.25V, OE/VPP = VH = 13.0V ± 0.25 V
Parameter
Symbol
Min.
Max.
Units
Remarks
Address Set-Up Time
tAS
2—
µs
Data Set-Up Time
tDS
2—
µs
Data Hold Time
tDH
2—
µs
Address Hold Time
tAH
0—
µs
Float Delay (2)
tDF
0
130
ns
VCC Set-Up Time
tVCS
2—
µs
Program Pulse Width (1)
tPW
95
105
µs
100
µs typical
CE Set-Up Time
tCES
2—
µs
OE Set-Up Time
tOES
2—
µs
OE Hold Time
tOEH
2—
µs
OE Recovery Time
tOR
2—
µs
OE /VPP Rise Time During Programming
tPRT
50
—
ns
Note 1: For express algorithm, initial programming width tolerance is 100
µs ±5%.
2: This parameter is only sampled and not 100% teted. Output float is defined as the point where data is no
longer driven (see timing diagram).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com