Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71 Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 47Page - Microchip Technology PIC16LC71 Datasheet HTML 48Page - Microchip Technology PIC16LC71 Datasheet HTML 49Page - Microchip Technology PIC16LC71 Datasheet HTML 50Page - Microchip Technology PIC16LC71 Datasheet HTML 51Page - Microchip Technology PIC16LC71 Datasheet HTML 52Page - Microchip Technology PIC16LC71 Datasheet HTML 53Page - Microchip Technology PIC16LC71 Datasheet HTML 54Page - Microchip Technology PIC16LC71 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 51
PIC16C71X
8.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator can be used or a simple
oscillator circuit with TTL gates can be built. Prepack-
aged oscillators provide a wide operating range and
better stability. A well-designed crystal oscillator will
provide good performance with TTL gates. Two types of
crystal oscillator circuits can be used; one with series
resonance, or one with parallel resonance.
Figure 8-6 shows implementation of a parallel resonant
oscillator circuit. The circuit is designed to use the fun-
damental frequency of the crystal. The 74AS04 inverter
performs the 180-degree phase shift that a parallel
oscillator requires. The 4.7 k
Ω resistor provides the
negative feedback for stability. The 10 k
Ω potentiome-
ter biases the 74AS04 in the linear region. This could
be used for external oscillator designs.
FIGURE 8-6:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 8-7 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental fre-
quency of the crystal. The inverter performs a 180-
degree phase shift in a series resonant oscillator cir-
cuit. The 330 k
Ω resistors provide the negative feed-
back to bias the inverters in their linear region.
FIGURE 8-7:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
CLKIN
To Other
Devices
PIC16CXXX
330 k
Ω
74AS04
74AS04
PIC16CXXX
CLKIN
To Other
Devices
XTAL
330 k
Ω
74AS04
0.1
µF
8.2.4
RC OSCILLATOR
For timing insensitive applications the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the resis-
tor (Rext) and capacitor (Cext) values, and the operat-
ing temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal pro-
cess parameter variation. Furthermore, the difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
Cext values. The user also needs to take into account
variation due to tolerance of external R and C compo-
nents used. Figure 8-8 shows how the R/C combina-
tion is connected to the PIC16CXX. For Rext values
below 2.2 k
Ω, the oscillator operation may become
unstable, or stop completely. For very high Rext values
(e.g. 1 M
Ω), the oscillator becomes sensitive to noise,
humidity and leakage. Thus, we recommend to keep
Rext between 3 k
Ω and 100 kΩ.
Although the oscillator will operate with no external
capacitor (Cext = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With no or
small external capacitance, the oscillation frequency
can vary dramatically due to changes in external
capacitances, such as PCB trace capacitance or pack-
age lead frame capacitance.
See characterization data for desired device for RC fre-
quency variation from part to part due to normal pro-
cess variation. The variation is larger for larger R (since
leakage current variation will affect RC frequency more
for large R) and for smaller C (since variation of input
capacitance will affect RC frequency more).
See characterization data for desired device for varia-
tion of oscillator frequency due to VDD for given Rext/
Cext values as well as frequency variation due to oper-
ating temperature for given R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin, and can be used for test pur-
poses or to synchronize other logic (see Figure 3-2 for
waveform).
FIGURE 8-8:
RC OSCILLATOR MODE
OSC2/CLKOUT
Cext
VDD
Rext
VSS
PIC16CXXX
OSC1
Fosc/4
Internal
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com