Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C745/P Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 122Page - Microchip Technology PIC16C745/P Datasheet HTML 123Page - Microchip Technology PIC16C745/P Datasheet HTML 124Page - Microchip Technology PIC16C745/P Datasheet HTML 125Page - Microchip Technology PIC16C745/P Datasheet HTML 126Page - Microchip Technology PIC16C745/P Datasheet HTML 127Page - Microchip Technology PIC16C745/P Datasheet HTML 128Page - Microchip Technology PIC16C745/P Datasheet HTML 129Page - Microchip Technology PIC16C745/P Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 158 page
background image
PIC16C745/765
DS41124A-page 126
Advanced Information
© 1999 Microchip Technology Inc.
16.2
DC Characteristics:
PIC16C745/765 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤
+70°C
for commercial
-40°C
≤ TA ≤
+85°C
for industrial
Operating voltage VDD range as described in DC spec Section 16.1
and Section 16.2
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
D030A
with TTL buffer
VSS
0.8
V
D031
with Schmitt Trigger buffer
VSS
0.2 VDD
V
For entire VDD range
D032
MCLR, OSC1 (in EC, E4 mode)
VSS
0.2 VDD
V
D033
OSC1 (in HS, H4 mode)
VSS
0.3 VDD
V
Note 1
Input High Voltage
VIH
I/O ports
D040
with TTL buffer
2.0
VDD
V
D041
with Schmitt Trigger buffer
0.8 VDD
VDD
V
For entire VDD range
D042
MCLR
0.8 VDD
VDD
V
D042A
OSC1 (HS, H4 mode)
0.7 VDD
VDD
V
Note 1
D043
OSC1 (in EC, E4 mode)
0.9 VDD
VDD
V
Input Leakage Current
(Notes 2, 3)
D060
IIL
I/O ports

±1
µAVSS ≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI

±5
µAVSS ≤ VPIN ≤ VDD
D063
OSC1

±5
µAVSS ≤ VPIN ≤ VDD,
HS osc mode
D070
IPURB
PORTB weak pull-up current
50
250
400
µAVDD = 5V, VPIN = VSS
AVIH
AVOH
AVIL
AVOL
D+ In
D- In
D+ Out
D- Out
D+ In
D- In
D+ Out
D- Out
V
V
V
V
V
V
V
V
*These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
In EC oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input.
2:
The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified levels repre-
sent normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com