Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C745/P Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 123Page - Microchip Technology PIC16C745/P Datasheet HTML 124Page - Microchip Technology PIC16C745/P Datasheet HTML 125Page - Microchip Technology PIC16C745/P Datasheet HTML 126Page - Microchip Technology PIC16C745/P Datasheet HTML 127Page - Microchip Technology PIC16C745/P Datasheet HTML 128Page - Microchip Technology PIC16C745/P Datasheet HTML 129Page - Microchip Technology PIC16C745/P Datasheet HTML 130Page - Microchip Technology PIC16C745/P Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 127
PIC16C745/765
DC Characteristics:
PIC16C745/765 (Commercial, Industrial) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤ +70°C for commercial
-40°C
≤ TA ≤ +85°C for industrial
Operating voltage VDD range as described in DC spec
Section 16.1 and Section 16.2
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Output Low Voltage
D080
VOL
I/O ports

0.6
V
IOL = 8.5 mA, VDD = 4.35V,
-40
°C to +85°C
D083
OSC2/CLKOUT (EC, E4 osc mode)

0.6
V
IOL = 1.6 mA, VDD = 4.35V,
-40
°C to +85°C
Output High Voltage
D090
VOH
I/O ports (Note 3)
VDD-0.7

VIOH = -3.0 mA, VDD = 4.35V,
-40
°C to +85°C
D092
OSC2/CLKOUT (EC osc mode)
VDD-0.7

VIOH = -1.3 mA, VDD = 4.35V,
-40
°C to +85°C
D150*
VOD
Open-Drain High Voltage

10.5
V
RA4 pin
Capacitive Loading Specs on Out-
put Pins
D100
COSC2
OSC2 pin

15
pF
In HS mode when external clock
is used to drive OSC1.
D101
CIO
All I/O pins and OSC2 (in EC mode)

50
pF
CVUSB
Vusb regulation capacitor
.01
µF+ 20%
*These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
In EC oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input.
2:
The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified levels repre-
sent normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com