Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C745/P Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 127Page - Microchip Technology PIC16C745/P Datasheet HTML 128Page - Microchip Technology PIC16C745/P Datasheet HTML 129Page - Microchip Technology PIC16C745/P Datasheet HTML 130Page - Microchip Technology PIC16C745/P Datasheet HTML 131Page - Microchip Technology PIC16C745/P Datasheet HTML 132Page - Microchip Technology PIC16C745/P Datasheet HTML 133Page - Microchip Technology PIC16C745/P Datasheet HTML 134Page - Microchip Technology PIC16C745/P Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 131
PIC16C745/765
TABLE 16-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
1A
FOSC
External CLKIN Frequency
(Note 1)
24
—
24
MHz
EC osc mode
6
—
6
MHz
E4 osc mode
Oscillator Frequency
(Note 1)
24
—
24
MHz
HS osc mode
6
—
6
MHz
H4 osc mode
1TOSC
External CLKIN Period
(Note 1)
41
—
41
ns
EC osc modes
167
—
167
ns
E4 osc mode
Oscillator Period
(Note 1)
41
—
41
ns
HS osc modes
167
—
167
ns
H4 osc mode
2TCY
Instruction Cycle Time (Note 1)
167
—
DC
ns
TCY = 4/FINT
3*
TOSL,
TOSH
External Clock in (OSC1) High or Low
Time
TBD
—
—
ns
EC oscillator
4*
TOSR,
TOSF
External Clock in (OSC1) Rise or Fall
Time
TBD
—
25
ns
EC oscillator
* These parameters are characterized but not tested.
†Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-base period when the PLL is enabled, or the input
oscillator time-base period divided by 4 when the PLL is disabled. All specified values are based on characterization data
for that particular oscillator type under standard operating conditions with the device executing code. Exceeding these
specified limits may result in an unstable oscillator operation and/or higher than expected current consumption. All devices
are tested to operate at “min.” values with an external clock applied to the OSC1/CLKIN pin. When an external clock input
is used, the “Max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com