Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C4X Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC17C4X
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C4X Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC17C4X Datasheet HTML 26Page - Microchip Technology PIC17C4X Datasheet HTML 27Page - Microchip Technology PIC17C4X Datasheet HTML 28Page - Microchip Technology PIC17C4X Datasheet HTML 29Page - Microchip Technology PIC17C4X Datasheet HTML 30Page - Microchip Technology PIC17C4X Datasheet HTML 31Page - Microchip Technology PIC17C4X Datasheet HTML 32Page - Microchip Technology PIC17C4X Datasheet HTML 33Page - Microchip Technology PIC17C4X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 240 page
background image
PIC17C4X
DS30412C-page 30
© 1996 Microchip Technology Inc.
TABLE 6-1:
MODE MEMORY ACCESS
Operating
Mode
Internal
Program
Memory
Configuration Bits,
Test Memory,
Boot ROM
Microprocessor
No Access
No Access
Microcontroller
Access
Access
Extended
Microcontroller
Access
No Access
Protected
Microcontroller
Access
Access
The PIC17C4X can operate in modes where the pro-
gram memory is off-chip. They are the microprocessor
and extended microcontroller modes. The micropro-
cessor mode is the default for an unprogrammed
device.
Regardless of the processor mode, data memory is
always on-chip.
FIGURE 6-2:
MEMORY MAP IN DIFFERENT MODES
Microprocessor
Mode
0000h
FFFFh
External
Program
Memory
External
Program
Memory
0800h
FFFFh
0000h
07FFh
On-chip
Program
Memory
Extended
Microcontroller
Mode
Microcontroller
Modes
0000h
07FFh
0800h
FE00h
FFFFh
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
00h
FFh
00h
FFh
00h
FFh
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
Config. Bits
Test Memory
Boot ROM
PIC17C42,
0000h
FFFFh
External
Program
Memory
External
Program
Memory
1000h/
FFFFh
0000h
0000h
0FFFh/1FFFh
1000h/2000h
FE00h
FFFFh
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
OFF-CHIP
ON-CHIP
Config. Bits
Test Memory
Boot ROM
00h
FFh
1FFh
120h
OFF-CHIP
ON-CHIP
00h
FFh
1FFh
120h
OFF-CHIP
ON-CHIP
00h
FFh
1FFh
120h
OFF-CHIP
ON-CHIP
0FFFh/1FFFh
2000h
PIC17CR42,
PIC17C42A
PIC17C43,
PIC17CR43,
PIC17C44
On-chip
Program
Memory
On-chip
Program
Memory
On-chip
Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com