Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3R2002GSW150 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 3R2002GSW150
Description  Resonant switchers, power factor correction and main converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002GSW150 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  3R2002GSW150 Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002GSW150 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GSW150 OUTLINE DRAWING
GSW150 OUTPUT DERATING
1
Maximum line / load regulation
±0.5%
2
Voltage tolerance ratio
±3% at line, load, time, temperature
3
Operating temperature
-10 ∼ 60℃ (Refer to Output derating)
4
Operating humidity
30 ∼ 90%RH (Non condensing)
5
Storage temperature
-30 ∼ 85℃
6
Storage humidity
10 ∼ 95%RH (Non condensing)
7
Cooling
Convection or forced air cooling (Refer to Output derating)
8
Electric strength voltages
Input - Output 3000VAC 1 minute , Input - FG 1500VAC 1 minute , Output - FG 500VAC 1 minute
9
Insulation resistance
100MΩ MIN DC500V 25℃ 70%RH
Input - Output, Input - FG, Output - FG
10 Leakage current
0.5mA MAX (240VAC, 50Hz)
11 Vibration
10∼55Hz 2G (3 directions each 1 hour)
12 Shock
20ms 20G (3 directions each 3 times)
13 Safety standards
UL1950, CSA950(cUL), EN60950(NEMKO) Approvals
14 Conduction noise
Meeting FCC Class B, EN55022 Class B, VCCI Class B
15 Harmonic distortion
Meeting EN61000-3-2
16 Mains surge
Meeting EN61000-3-5 Level 3/4KV(CM),2KV(DM)
17 Dimensions
87(W) 190(D) 48(H) mm / 3.43"(W) 7.48"(D) 1.89"(H)
18 Weight
730g / 1.61lb. TYP
ITEM
/59#
GSW150 GENERAL SPECIFICATIONS
Ambient Temperature(℃)
Mounting Direction(conv)
Part Description
CN1 Pin Header (Input side)
CN2 Pin Header (Output side) B4P-VH
JST
1
Part Name
Manufacturer Q.T.Y
Connectors Used
Matching Housings and Pins (Not included with the product)
Part Description
CN2 Socket Housing
VHR-4N
JST
1
(CN1, CN2) Terminal Pins   BVH-21T-P1.1 JST
    6 or 7
Part Name
Manufacturer Q.T.Y
B2P3-VH
JST
   1
or B3P5-VH
CN1 Socket Housing
VHR-3N
JST
   1
or VHR-5N
-10  0  10  20  30  40  50  60  70
0
20
40
60
80
100
  Conv. With Cover
  Conv. Open Frame
  F/Air
A
B
C
B
A
C
180
190
AC INPUT
CN1
OUTPUT
CN2
(N)
(L)
(+)
(−)
48
180
4−φ4
4−φ4
LED
  FG
M4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com