| Electronic Components Datasheet Search |
|
PIC16C925-S/PT Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/PT Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 182 page ![]() 2001 Microchip Technology Inc. Preliminary DS39544A-page 49 PIC16C925/926 6.3 Timer1 Operation in Asynchronous Counter Mode If control bit T1SYNC (T1CON<2>) is set, the external clock input is not synchronized. The timer continues to increment asynchronous to the internal phase clocks. The timer will continue to run during SLEEP and can generate an interrupt-on-overflow which will wake-up the processor. However, special precautions in soft- ware are needed to read from, or write to the Timer1 register pair (TMR1H:TMR1L) (Section 6.3.2). In Asynchronous Counter mode, Timer1 cannot be used as a time-base for capture or compare opera- tions. 6.3.1 EXTERNAL CLOCK INPUT TIMING WITH UNSYNCHRONIZED CLOCK If control bit T1SYNC is set, the timer will increment completely asynchronously. The input clock must meet certain minimum high time and low time requirements, as specified in timing parameters 45, 46, and 47. 6.3.2 READING AND WRITING TMR1 IN ASYNCHRONOUS COUNTER MODE Reading TMR1H or TMR1L, while the timer is running from an external asynchronous clock, will ensure a valid read (taken care of in hardware). However, the user should keep in mind that reading the 16-bit timer in two 8-bit values itself, poses certain problems, since the timer may overflow between the reads. For writes, it is recommended that the user simply stop the timer and write the desired values. A write conten- tion may occur by writing to the timer registers while the register is incrementing. This may produce an unpre- dictable value in the timer register. Reading the 16-bit value requires some care. Example 6-1 is an example routine to read the 16-bit timer value. This is useful if the timer cannot be stopped. EXAMPLE 6-1: READING A 16-BIT FREE-RUNNING TIMER ; All interrupts are disabled ; MOVF TMR1H, W ;Read high byte MOVWF TMPH ; MOVF TMR1L, W ;Read low byte MOVWF TMPL ; MOVF TMR1H, W ;Read high byte SUBWF TMPH, W ;Sub 1st read with 2nd read BTFSC STATUS,Z ;Is result = 0 GOTO CONTINUE ;Good 16-bit read ; ; TMR1L may have rolled over between the read of the high and low bytes. ; Reading the high and low bytes now will read a good value. ; MOVF TMR1H, W ;Read high byte MOVWF TMPH ; MOVF TMR1L, W ;Read low byte MOVWF TMPL ; ; Re-enable the Interrupt (if required) ; CONTINUE ;Continue with your code |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |