Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3R2002RSW75F Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 3R2002RSW75F
Description  Resonant switchers, power factor correction and main converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002RSW75F Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  3R2002RSW75F Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002RSW75F Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSW75F OUTLINE DRAWING
RSW75F OUTPUT DERATING
1
Maximum line / load regulation
±0.5%
2
Voltage tolerance ratio
±3% at line, load, time, temperature
3
Operating temperature
-10 ∼ 60℃ (Refer to Output derating)
4
Operating humidity
30 ∼ 90%RH (Non condensing)
5
Storage temperature
-30 ∼ 85℃
6
Storage humidity
10 ∼ 95%RH (Non condensing)
7
Cooling
Convection or forced air cooling (Refer to Output derating)
8
Electric strength voltages
Input - Output 3000VAC 1 minute , Input - FG 1500VAC 1 minute , Output - FG 500VAC 1 minute
9
Insulation resistance
100MΩ MIN DC500V 25℃ 70%RH
Input - Output, Input - FG, Output - FG
10 Leakage current
0.5mA MAX (240VAC, 50Hz)
11 Vibration
10∼55Hz 2G (3 directions each 1 hour)
12 Shock
20ms 20G (3 directions each 3 times)
13 Safety standards
UL1950, CSA950(cUL), EN60950(TUV) Approvals
14 Conduction noise
Meeting FCC Class B, EN55022 Class B, VCCI Class B
15 Harmonic distortion
Meeting EN61000-3-2
16 Mains surge
Meeting EN61000-3-5 Level 3/4KV(CM),2KV(DM)
17 Dimensions
76.2(W) 127(D) 26(H) mm / 3"(W) 4"(D) 1.03"(H)
18 Weight
220g / 0.49lb. TYP
ITEM
459%#.
RSW75F GENERAL SPECIFICATIONS
Ambient Temperature(℃)
-10  0  10  20  30  40  50  60  70
0
20
40
60
80
100
CN1
Part Description
CN1 Pin Header (Input side)
CN2 Pin Header (Output side) B4P-VH
JST
1
Part Name
Manufacturer Q.T.Y
CN1
CN2
CN2
CN2
Vertical
Standard direction
Connectors Used
Matching Housings and Pins (Not included with the product)
Mounting Direction(conv)
CN1
Part Description
CN2 Socket Housing
VHR-4N
JST
1
(CN1, CN2) Terminal Pins   BVH-21T-P1.1 JST
    6 or 7
Part Name
Manufacturer Q.T.Y
B2P3-VH
 
JST
   1
or B3P5-VH
CN1 Socket Housing
VHR-3N
JST
   1
or VHR-5N
  Conv.
  F/Air
○
A
○
B
○
B
○
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com