Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-LPI/P Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16C54-LPI/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/P Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16C54-LPI/P Datasheet HTML 155Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 156Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 157Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 158Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 159Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 160Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 161Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 162Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 159
PIC16C54A/CR57B/C58A/CR58A
PIC16C5X
18.0
DC AND AC CHARACTERISTICS - PIC16C54A/CR57B/C58A/CR58A
The graphs and tables provided in this section are for design guidance and are not tested. In some graphs or tables the
data presented are outside specified operating range (e.g., outside specified VDD range). This is for information only
and devices will operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period of
time. “Typical” represents the mean of the distribution while “max” or “min” represents (mean + 3
σ) and (mean – 3σ)
respectively, where
σ is standard deviation.
FIGURE 18-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
TABLE 18-1:
RC OSCILLATOR FREQUENCIES
Cext
Rext
Average
Fosc @ 5 V, 25
°C
20 pF
3.3 k
4.973 MHz
± 27%
5 k
3.82 MHz
± 21%
10 k
2.22 MHz
± 21%
100 k
262.15 kHz
± 31%
100 pF
3.3 k
1.63 MHz
± 13%
5 k
1.19 MHz
± 13%
10 k
684.64 kHz
± 18%
100 k
71.56 kHz
± 25%
300 pF
3.3 k
660 kHz
± 10%
5.0 k
484.1 kHz
± 14%
10 k
267.63 kHz
± 15%
160 k
29.44 kHz
± 19%
The frequencies are measured on DIP packages.
The percentage variation indicated here is part-to-part variation due to normal process distribution. The variation
indicated is
±3 standard deviation from average value for VDD = 5 V.
FOSC
FOSC (25
°C)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
010
20
25
30
40
50
60
70
T(
°C)
Frequency normalized to +25
°C
VDD = 5.5 V
VDD = 3.5 V
Rext
≥ 10 kΩ
Cext = 100 pF
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com