Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-LPI/P Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC16C54-LPI/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/P Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC16C54-LPI/P Datasheet HTML 159Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 160Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 161Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 162Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 163Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 164Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 165Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 166Page - Microchip Technology PIC16C54-LPI/P Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 163
PIC16C54A/CR57B/C58A/CR58A
PIC16C5X
FIGURE 18-8: VIH, VIL OF MCLR, T0CKI AND OSC1 (IN RC MODE) vs. VDD
FIGURE 18-9: VTH (INPUT THRESHOLD VOLTAGE) OF OSC1 INPUT
(IN XT, HS, AND LP MODES) vs. VDD
3.5
3.0
2.5
2.0
1.5
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.5
0.0
5.5
6.0
4.0
4.5
VIH min
(–40
°C to
+85
°C)
VIH max
(–40
°C to
+85
°C)
VIH typ
+25
°C
VIL min (–40°C to
+85°C)
VIL max (–40°
C to +85°C)
VIH typ +25°
C
Note: These input pins have Schmitt Trigger input buffers.
2.4
2.2
2.0
1.8
1.6
1.4
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
1.2
1.0
5.5
6.0
Typ
(+25
°C)
2.6
2.8
3.0
3.2
3.4
Max
(–40
°C to
+85
°C)
Min
(–40
°C to
+85
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com