Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C712-04/SS Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16C712-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C712-04/SS Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16C712-04/SS Datasheet HTML 89Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 90Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 91Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 92Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 93Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 94Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 95Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 96Page - Microchip Technology PIC16C712-04/SS Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 93
PIC16C712/716
14.0
PACKAGING INFORMATION
14.1
Package Marking Information
18-Lead SOIC
AABBCDE
Example
PIC16C712
XXXXXXXXXXXXXXXXX
AABBCDE
18-Lead PDIP
Example
PIC16C716-04/P
Example
18-Lead CERDIP Windowed
XXXXXXXX
AABBCDE
16C716
AABBCDE
XXXXXXXXXX
XXXXXXXXXX
20-Lead SSOP
-20I/SS025
PIC16C712
Example
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
9917HAT
9917CAT
9910/SAA
9917SBP
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with
your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
/JW
-20/SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com