Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C925-S/L Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16C925-S/L
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/L Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16C925-S/L Datasheet HTML 42Page - Microchip Technology PIC16C925-S/L Datasheet HTML 43Page - Microchip Technology PIC16C925-S/L Datasheet HTML 44Page - Microchip Technology PIC16C925-S/L Datasheet HTML 45Page - Microchip Technology PIC16C925-S/L Datasheet HTML 46Page - Microchip Technology PIC16C925-S/L Datasheet HTML 47Page - Microchip Technology PIC16C925-S/L Datasheet HTML 48Page - Microchip Technology PIC16C925-S/L Datasheet HTML 49Page - Microchip Technology PIC16C925-S/L Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 182 page
background image
PIC16C925/926
DS39544A-page 44
Preliminary
 2001 Microchip Technology Inc.
5.3
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module, or as a postscaler for the Watchdog
Timer (Figure 5-6). For simplicity, this counter is being
referred to as “prescaler” throughout this data sheet.
Note that the prescaler may be used by either the
Timer0 module or the WDT, but not both. Thus, a pres-
caler assignment for the Timer0 module means that
there is no prescaler for the Watchdog Timer, and vice-
versa.
The PSA and PS2:PS0 bits (OPTION<3:0>) determine
the prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g. CLRF 1, MOVWF 1,
BSF
1,x
....etc.) will clear the prescaler count. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler count along with the Watchdog Timer. The
prescaler is not readable or writable.
FIGURE 5-6:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
Note:
Writing to TMR0 when the prescaler is
assigned to Timer0, will clear the prescaler
count, but will not change the prescaler
assignment.
RA4/T0CKI
T0SE
pin
M
U
X
CLKOUT (= FOSC/4)
SYNC
2
Cycles
TMR0 reg
8-bit Prescaler
8 - to - 1 MUX
M
U
X
M U X
Watchdog
Timer
PSA
0
1
0
1
WDT
Time-out
PS2:PS0
8
Note: T0CS, T0SE, PSA, PS2:PS0 are (OPTION<5:0>).
PSA
WDT Enable bit
M
U
X
0
1
0
1
Data Bus
Set Flag bit TMR0IF
on Overflow
8
PSA
T0CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com