Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C712-20/SS Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16C712-20/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C712-20/SS Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16C712-20/SS Datasheet HTML 28Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 29Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 30Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 31Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 32Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 33Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 34Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 35Page - Microchip Technology PIC16C712-20/SS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
PIC16C712/716
DS41106A-page 32
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 5-2:
TIMER1 BLOCK DIAGRAM
5.2
Timer1 Module and PORTB Operation
When Timer1 is configured as timer running from the
main oscillator, PORTB<2:1> operate as normal I/O
lines.
When Timer1 is configured to function as a
counter however, the clock source selection may affect
the operation of PORTB<2:1>. Multiplexing details of
the Timer1 clock selection on PORTB are shown in Fig-
ure 3-4 and Figure 3-5.
The clock source for Timer1 in the counter mode can
be from one of the following:
1.
External
circuit
connected
to
the
RB1/T1OSO/T1CKI pin
2.
Firmware controlled DATACCP<0> bit, DT1CKI
3.
Timer1 oscillator
Table 5-1 shows the details of Timer1 mode selections,
control bit settings, TMR1 and PORTB operations.
TMR1H
TMR1L
T1OSC
T1SYNC
TMR1CS
T1CKPS1:T1CKPS0
SLEEP input
T1OSCEN
Enable
Oscillator(1)
FOSC/4
Internal
Clock
TMR1ON
on/off
Prescaler
1, 2, 4, 8
Synchronize
det
1
0
0
1
Synchronized
clock input
2
RB1/T1OSO/T1CKI
RB2/T1OSI
Note 1:
When the T1OSCEN bit is cleared, the inverter and feedback resistor are turned off. This eliminates power drain.
Set flag bit
TMR1IF on
Overflow
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com