Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16CE623-20/P Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16CE623-20/P
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-20/P Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16CE623-20/P Datasheet HTML 88Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 89Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 90Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 91Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 92Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 93Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 94Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 95Page - Microchip Technology PIC16CE623-20/P Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
PIC16CE62X
DS40182A-page 92
Preliminary
© 1998 Microchip Technology Inc.
13.5
EEPROM Timing
TABLE 13-8:
AC CHARACTERISTICS
FIGURE 13-7: BUS TIMING DATA
Parameter
Symbol
STANDARD
MODE
Vcc = 4.5 - 5.5V
FAST MODE
Units
Remarks
Min.
Max.
Min.
Max.
Clock frequency
FCLK
—
100
—
400
kHz
Clock high time
THIGH
4000
—
600
—
ns
Clock low time
TLOW
4700
—
1300
—
ns
SDA and SCL rise time
TR
—
1000
—
300
ns
(Note 1)
SDA and SCL fall time
TF
—
300
—
300
ns
(Note 1)
START condition hold time
THD:STA
4000
—
600
—
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
—
600
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0
—
0
—
ns
(Note 2)
Data input setup time
TSU:DAT
250
—
100
—
ns
STOP condition setup time
TSU:STO
4000
—
600
—
ns
Output valid from clock
TAA
—
3500
—
900
ns
(Note 2)
Bus free time
TBUF
4700
—
1300
—
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
minimum to VIL maximum
TOF
—
250
20 +0.1
CB
250
ns
(Note 1), CB
≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—
50
—
50
ns
(Note 3)
Write cycle time
TWR
—
10
—
10
ms
Byte or Page mode
Endurance
—
10M
1M
—
10M
1M
—
cycles
25
°C, Vcc = 5.0V, Block
Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our website.
SCL
SDA
IN
SDA
OUT
THD:STA
TSU:STA
TF
THIGH
TR
TSU:STO
TSU:DAT
THD:DAT
TBUF
TAA
THD:STA
TAA
TSP
TLOW
62X.bk Page 92 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com