Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 129Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 130Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 131Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 132Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 133Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 134Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 135Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 136Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 131
PIC16F627A/628A/648A
17.0 ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings†
Ambient temperature under bias................................................................................................................. -40 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on V
DD with respect to VSS ............................................................................................................ -0.3 to +6.5V
Voltage on MCLR and RA4 with respect to V
SS ............................................................................................-0.3 to +14V
Voltage on all other pins with respect to V
SS ....................................................................................-0.3V to VDD + 0.3V
Total power dissipation(1) ..................................................................................................................................... 800 mW
Maximum current out of V
SS pin ...........................................................................................................................300 mA
Maximum current into V
DD pin ..............................................................................................................................250 mA
Input clamp current, I
IK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (Vo < 0 or Vo >V
DD)
............................................................................................................... ± 20 mA
Maximum output current sunk by any I/O pin.......................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by PORTA and PORTB (Combined)................................................................................ 200 mA
Maximum current sourced by PORTA and PORTB (Combined)........................................................................... 200 mA
Note 1: Power dissipation is calculated as follows: P
DIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note:
Voltage spikes below V
SS at the MCLR pin, inducing currents greater than 80 mA, may cause latchup. Thus,
a series resistor of 50-100
Ω should be used when applying a “low” level to the MCLR pin rather than pulling
this pin directly to V
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com