Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 133Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 134Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 135Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 136Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 137Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 138Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 139Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 140Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 135
PIC16F627A/628A/648A
17.3
DC Characteristics: PIC16F627A/628A/648A (Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +125°C for extended
Param
No.
Device Characteristics
Min†
Typ
Max
Units
Conditions
V
DD
Note
Supply Voltage (V
DD)
D001
—
3.0
—
5.5
V
—
Power-down Base Current (I
PD)
D020E
—
—0.1
TBD
µA
3.0
WDT, BOR, Comparators, V
REF, and
T1OSC: disabled
—0.2
TBD
µA5.0
Peripheral Module Current (
∆IMOD)(1)
D021E
—
—2
TBD
µA
3.0
WDT Current
—9
TBD
µA5.0
D022E
—
—32
TBD
µA
4.5
BOR Current
—33
TBD
µA5.0
D023E
—
—27
TBD
µA
3.0
Comparator Current
—49
TBD
µA5.0
D024E
—
—50
TBD
µA3.0
V
REF Current
—83
TBD
µA5.0
D025E
—
—1.3
TBD
µA
3.0
T1O
SC Current
—1.8
TBD
µA5.0
Supply Current (I
DD)
D010E
—
—21
TBD
µA3.0
F
OSC = 32 kHz
LP Oscillator Mode
—38
TBD
µA5.0
D011E
—
—
182
TBD
µA3.0
F
OSC = 1 MHz
XT Oscillator Mode
—
293
TBD
µA5.0
D012E
—
—
371
TBD
µA3.0
F
OSC = 4 MHz
XT Oscillator Mode
—
668
TBD
µA5.0
D013E
—
—
2.6
TBD
mA
4.5
F
OSC = 20 MHz
HS Oscillator Mode
—3
TBD
mA
5.0
Note
1: The “
∆“ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base I
DD or IPD measurement. Max values should be used when calculating total current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com