Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10/SS Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16C72-10/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SS Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16C72-10/SS Datasheet HTML 73Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 74Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 75Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 76Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 77Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 78Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 79Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 80Page - Microchip Technology PIC16C72-10/SS Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 288 page
background image
© 1997 Microchip Technology Inc.
DS30390E-page 77
PIC16C7X
11.0
SYNCHRONOUS SERIAL
PORT (SSP) MODULE
11.1
SSP Module Overview
The Synchronous Serial Port (SSP) module is a serial
interface useful for communicating with other periph-
eral or microcontroller devices. These peripheral
devices may be Serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The SSP module can
operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
The SSP module in I2C mode works the same in all
PIC16C7X devices that have an SSP module. However
the SSP Module in SPI mode has differences between
the PIC16C76/77 and the other PIC16C7X devices.
The register definitions and operational description of
SPI mode has been split into two sections because of
the differences between the PIC16C76/77 and the
other PIC16C7X devices. The default reset values of
both the SPI modules is the same regardless of the
device:
11.2 SPI Mode for PIC16C72/73/73A/74/74A ..........78
11.3 SPI Mode for PIC16C76/77..............................83
11.4 I2C™ Overview ................................................89
11.5 SSP I2C Operation...........................................93
Refer to Application Note AN578,
“Use of the SSP
Module in the I 2C Multi-Master Environment.”
Applicable Devices
72 73 73A 74 74A 76 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com