Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F628A-I/ML
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F628A-I/ML Datasheet HTML 135Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 136Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 137Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 138Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 139Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 141Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 142Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 137
PIC16F627A/628A/648A
TABLE 17-1:
DC Characteristics: PIC16F627A/628A/648A (Industrial, Extended)
PIC16LF627A/628A/648A (Industrial)
DC Characteristics
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
-40°C
≤ TA ≤ +125°C for extended
Operating voltage V
DD range as described in DC spec Table 17-2 and Table 17-3
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D120
D120A
D121
D122
D123
D124
E
D
E
D
V
DRW
T
DEW
T
RETD
T
REF
Endurance
Endurance
V
DD for read/write
Erase/Write cycle time
Characteristic Retention
Number of Total Erase/Write
Cycles before Refresh(1)
100K
10K
V
MIN
—
100
1M
1M
100K
—
4
—
10M
—
5.5
8*
—
—
E/W
E/W
V
ms
Year
E/W
-40
°C ≤ TA ≤ 85°C
85°C
≤ TA ≤ 125°C
V
MIN = Minimum operating
voltage
Provided no other
specifications are violated
-40
°C to +85°C
Program FLASH Memory
D130
D130A
D131
D132
D132A
D133
D133A
D134
E
P
E
P
V
PR
V
IE
V
PEW
T
IE
T
PEW
T
RETP
Endurance
Endurance
V
DD for read
V
DD for Block erase
V
DD for write
Block Erase cycle time
Write cycle time
Characteristic Retention
10K
1000
V
MIN
4.5
V
MIN
—
—
100
100K
10K
—
—
—
4
2
—
—
—
5.5
5.5
5.5
8*
4*
—
E/W
E/W
V
V
V
ms
ms
year
-40
°C ≤ TA ≤ 85°C
85°C
≤ TA ≤ 125°C
V
MIN = Minimum operating
voltage
V
MIN = Minimum operating
voltage
V
DD > 4.5V
Provided no other
specifications are violated
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0 V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Refer to Section 13.7 for a more detailed discussion on data EEPROM endurance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com