Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/ML Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC16F628A-I/ML
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/ML Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC16F628A-I/ML Datasheet HTML 139Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 141Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 142Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 143Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 144Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 145Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 146Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 141
PIC16F627A/628A/648A
TABLE 17-5:
PRECISION INTERNAL OSCILLATOR PARAMETERS
FIGURE 17-5:
CLKOUT AND I/O TIMING
TABLE 17-6:
CLKOUT AND I/O TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
F10
F
IOSC
Oscillator Center frequency
—4—
MHz
F13
∆IOSC
Oscillator Stability (jitter)
——
±1%
V
DD = 3.5 V, 25
°C
——
±2
%
2.0 V
≤ VDD ≤ 5.5V
0
°C ≤ TA ≤ +85°C
——
±5
%
2.0 V
≤ VDD ≤ 5.5V
-40
°C ≤ TA ≤ +85°C (IND)
-40
°C ≤ TA ≤ +125°C (EXT)
F14
T
IOSCST Oscillator Wake-up from
SLEEP start-up time
—6
TBD
µsVDD = 2.0V, -40°C to +85°C
—4
TBD
µsVDD = 3.0V, -40°C to +85°C
—3
TBD
µsVDD = 5.0V, -40°C to +85°C
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
10
TosH2ckL OSC1
↑ to CLKOUT↓
PIC16F62X
—
75
200*
ns
10A
PIC16LF62X
—
—
400*
ns
11
TosH2ckH OSC1
↑ to CLKOUT↑
PIC16F62X
—
75
200*
ns
11A
PIC16LF62X
—
—
400*
ns
12
TckR
CLKOUT rise time
PIC16F62X
—
35
100*
ns
12A
PIC16LF62X
—
—
200*
ns
13
TckF
CLKOUT fall time
PIC16F62X
—
35
100*
ns
13A
PIC16LF62X
—
—
200*
ns
14
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
20*
ns
15
TioV2ckH Port in valid before
PIC16F62X
Tosc+200 ns*
—
—
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
100*
200*
——
ns
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
OSC1
CLKOUT
I/O PIN
(INPUT)
I/O PIN
(OUTPUT)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
OLD VALUE
NEW VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com