Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2957AISX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2957AISX/NOPB
Description  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2957AISX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2957AISX/NOPB Datasheet HTML 13Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 14Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 15Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 16Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 17Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 18Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 19Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 20Page - Texas Instruments LP2957AISX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LP2957, LP2957A
www.ti.com
SNVS102C – JUNE 1998 – REVISED APRIL 2013
REVISION HISTORY
Changes from Revision B (April 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format .......................................................................................................... 16
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP2957 LP2957A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com