| Electronic Components Datasheet Search |
|
PIC16LCR83 Datasheet(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LCR83 Datasheet(HTML) 41 Page - Microchip Technology |
|
41 / 124 page ![]() PIC16F8X © 1998 Microchip Technology Inc. DS30430C-page 41 8.3 Reset The PIC16F8X differentiates between various kinds of reset: • Power-on Reset (POR) • MCLR reset during normal operation • MCLR reset during SLEEP • WDT Reset (during normal operation) • WDT Wake-up (during SLEEP) Figure 8-8 shows a simplified block diagram of the on-chip reset circuit. The MCLR reset path has a noise filter to ignore small pulses. The electrical specifica- tions state the pulse width requirements for the MCLR pin. Some registers are not affected in any reset condition; their status is unknown on a POR reset and unchanged in any other reset. Most other registers are reset to a “reset state” on POR, MCLR or WDT reset during normal operation and on MCLR reset during SLEEP. They are not affected by a WDT reset during SLEEP, since this reset is viewed as the resumption of normal operation. Table 8-3 gives a description of reset conditions for the program counter (PC) and the STATUS register. Table 8-4 gives a full description of reset states for all registers. The TO and PD bits are set or cleared differently in dif- ferent reset situations (Section 8.7). These bits are used in software to determine the nature of the reset. FIGURE 8-8: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S R Q External Reset MCLR VDD OSC1/ WDT Module VDD rise detect OST/PWRT On-chip RC OSC(1) WDT Time_Out Power_on_Reset OST 10-bit Ripple counter PWRT Chip_Reset 10-bit Ripple counter Reset Enable OST Enable PWRT SLEEP CLKIN Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin. See Table 8-5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |