Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR83 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16LCR83
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR83 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16LCR83 Datasheet HTML 100Page - Microchip Technology PIC16LCR83 Datasheet HTML 101Page - Microchip Technology PIC16LCR83 Datasheet HTML 102Page - Microchip Technology PIC16LCR83 Datasheet HTML 103Page - Microchip Technology PIC16LCR83 Datasheet HTML 104Page - Microchip Technology PIC16LCR83 Datasheet HTML 105Page - Microchip Technology PIC16LCR83 Datasheet HTML 106Page - Microchip Technology PIC16LCR83 Datasheet HTML 107Page - Microchip Technology PIC16LCR83 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
PIC16F8X
DS30430C-page 104
© 1998 Microchip Technology Inc.
FIGURE 12-12: TYPICAL IDD vs. FREQUENCY (RC MODE @300PF, 25
°C)
TYPICAL IDD vs FREQ (RC MODE @300pF)
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
6.0V
10
100
1000
10000
100000
1000000
FREQ (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com