Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 282Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 283Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 284Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 285Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 286Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 287Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 288Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 289Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 320 page
background image
PIC17C75X
DS30264A-page 286
Preliminary
© 1997 Microchip Technology Inc.
FIGURE F-14: TCON3 REGISTER (ADDRESS: 16h, BANK 7)
U-0
R - 0
R - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
-
CA4OVF CA3OVF
CA4ED1 CA4ED0 CA3ED1 CA3ED0 PWM3ON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
Reads as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as ‘0’
bit 6:
CA4OVF: Capture4 Overflow Status bit
This bit indicates that the capture value had not been read from the capture register pair (CA4H:CA4L)
before the next capture event occurred. The capture register retains the oldest unread capture value (last
capture before overflow). Subsequent capture events will not update the capture register with the TMR3
value until the capture register has been read (both bytes).
1 = Overflow occurred on Capture4 registers
0 = No overflow occurred on Capture4 registers
bit 5:
CA3OVF: Capture3 Overflow Status bit
This bit indicates that the capture value had not been read from the capture register pair (CA3H:CA3L)
before the next capture event occurred. The capture register retains the oldest unread capture value (last
capture before overflow). Subsequent capture events will not update the capture register with the TMR3
value until the capture register has been read (both bytes).
1 = Overflow occurred on Capture3 registers
0 = No overflow occurred on Capture3 registers
bit 4-3:
CA4ED1:CA4ED0: Capture4 Mode Select bits
00
= Capture on every falling edge
01
= Capture on every rising edge
10
= Capture on every 4th rising edge
11
= Capture on every 16th rising edge
bit 2-1:
CA3ED1:CA3ED0: Capture3 Mode Select bits
00
= Capture on every falling edge
01
= Capture on every rising edge
10
= Capture on every 4th rising edge
11
= Capture on every 16th rising edge
bit 0:
PWM3ON: PWM3 On bit
1 = PWM3 is enabled (The RG5/PWM3 pin ignores the state of the DDRG<5> bit)
0 = PWM3 is disabled (The RG5/PWM3 pin uses the state of the DDRG<5> bit for data direction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com