Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 287 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 287 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 283Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 284Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 285Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 286Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 287Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 288Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 289Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 290Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 287
PIC17C75X
FIGURE F-15: ADCON0 REGISTER (ADDRESS: 14h, BANK 5)
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
CHS3
CHS2
CHS1
CHS0
—
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4:
CHS2:CHS0: Analog Channel Select bits
0000
= channel 0, (AN0)
0001
= channel 1, (AN1)
0010
= channel 2, (AN2)
0011
= channel 3, (AN3)
0100
= channel 4, (AN4)
0101
= channel 5, (AN5)
0110
= channel 6, (AN6)
0111
= channel 7, (AN7)
1000
= channel 8, (AN8)
1001
= channel 9, (AN9)
1010
= channel 10, (AN10)
1011
= channel 11, (AN11)
11xx
=
RESERVED, do not select
bit 3:
Unimplemented: Read as '0'
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1 = A/D conversion in progress (setting this bit starts the A/D conversion which is automatically cleared
by hardware when the A/D conversion is complete)
0 = A/D conversion not in progress
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1 = A/D converter module is operating
0 = A/D converter module is shutoff and consumes no operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com