Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 228 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 228 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 224Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 225Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 226Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 227Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 228Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 229Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 230Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 231Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 320 page
background image
PIC17C75X
DS30264A-page 228
Preliminary
© 1997 Microchip Technology Inc.
Output Low Voltage
D080
D081
VOL
I/O ports
with TTL buffer
–
–
–
–
–
–
0.1VDD
0.1VDD *
0.4
V
V
V
IOL = VDD/1.250 mA
4.5V
≤ VDD ≤ 6.0V
VDD
= 3.0V
IOL = 6 mA, VDD = 4.5V
Note 6
D082
RA2 and RA3
–
–
–
–
–
–
3.0
0.4
0.6
V
V
V
IOL = 60.0 mA, VDD = 6.0V
IOL = 60.0 mA, VDD = 2.5V
IOL = 60.0 mA, VDD = 4.5V
D083
D084
OSC2/CLKOUT
(RC and EC osc modes)
–
–
–
–
0.4
0.1VDD *
V
V
IOL = 1 mA, VDD = 4.5V
IOL = VDD/5 mA
(PIC17LC75X only)
Output High Voltage (Note 3)
D090
D091
VOH
I/O ports (except RA2 and RA3)
with TTL buffer
0.9VDD
0.9VDD *
2.4
–
–
–
–
–
–
V
V
V
IOH = -VDD/2.500 mA
4.5V
≤ VDD ≤ 6.0V
VDD
= 3.0V
IOH = -6.0 mA, VDD = 4.5V
Note 6
D093
D094
OSC2/CLKOUT
(RC and EC osc modes)
2.4
0.9VDD *
–
–
–
–
V
V
IOH = -5 mA, VDD = 4.5V
IOH = -VDD/5 mA
(PIC17LC75X only)
D150
VOD
Open Drain High Voltage
–
–
12
V
RA2 and RA3 pins only
Pulled-up to externally
applied voltage
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2/CLKOUT pin
–
–
25 ‡
pF
In EC or RC osc modes
when OSC2 pin is outputting
CLKOUT.
external clock is used to
drive OSC1.
D101
CIO
All I/O pins and OSC2
(in RC mode)
–
–
50 ‡
pF
D102
CAD
System Interface Bus
(PORTC, PORTD and PORTE)
–
–
50 ‡
pF
In Microprocessor or
Extended Microcontroller
mode
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 20.1
Param.
No.
Sym
Characteristic
Min
Typ†
Max Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17C75X Programming
Specifications (Literature number DS TBD).
5: The MCLR/VPP pin may be kept in this range at times other than programming, but is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com