Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 228Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 229Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 230Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 231Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 232Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 233Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 234Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 235Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 320 page
background image
PIC17C75X
DS30264A-page 232
Preliminary
© 1997 Microchip Technology Inc.
20.5 Timing Diagrams and Specifications
FIGURE 20-2: EXTERNAL CLOCK TIMING
TABLE 20-2: EXTERNAL CLOCK TIMING REQUIREMENTS
Param.
No.
Sym
Characteristic
Min Typ† Max Units
Conditions
Fosc
External CLKIN Frequency
(Note 1)
DC
DC
DC
—
—
—
8
25
33
MHz
MHz
MHz
EC osc mode - 08 devices (8 MHz devices)
- 25 devices (25 MHz devices)
- 33 devices (33 MHz devices)
Oscillator Frequency
(Note 1)
DC
1
1
1
DC
—
—
—
—
—
4
8
25
33
2
MHz
MHz
MHz
MHz
MHz
RC osc mode
XT osc mode - 08 devices (8 MHz devices)
- 25 devices (25 MHz devices)
- 33 devices (33 MHz devices)
LF osc mode
1
Tosc
External CLKIN Period
(Note 1)
125
40
30.3
—
—
—
—
—
—
ns
ns
ns
EC osc mode - 08 devices (8 MHz devices)
- 25 devices (25 MHz devices)
- 33 devices (33 MHz devices)
Oscillator Period
(Note 1)
250
125
40
30.3
500
—
—
—
—
—
—
1,000
1,000
1,000
—
ns
ns
ns
ns
ns
RC osc mode
XT osc mode - 08 devices (8 MHz devices)
- 25 devices (25 MHz devices)
- 33 devices (33 MHz devices)
LF osc mode
2TCY
Instruction Cycle Time
(Note 1)
121.2
4/Fosc
DC
ns
3
TosL,
TosH
Clock in (OSC1)
high or low time
10 ‡
—
—
ns
EC oscillator
4
TosR,
TosF
Clock in (OSC1)
rise or fall time
—
—
5 ‡
ns
EC oscillator
†
Data in “Typ” column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at “min.” values with an external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.
OSC1
OSC2 †
Q4
Q1
Q2
Q3
Q4
Q1
1
3
3
4
4
2
† In EC and RC modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com