Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/PQ Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC17C752-08/PQ
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/PQ Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC17C752-08/PQ Datasheet HTML 229Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 230Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 231Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 232Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 233Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 234Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 235Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 236Page - Microchip Technology PIC17C752-08/PQ Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 233
PIC17C75X
FIGURE 20-3: CLKOUT AND I/O TIMING
TABLE 20-3: CLKOUT AND I/O TIMING REQUIREMENTS
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
10
TosL2ckL
OSC1
↓ to CLKOUT↓
—
15 ‡
30 ‡
ns
Note 1
11
TosL2ckH
OSC1
↓ to CLKOUT↑
—
15 ‡
30 ‡
ns
Note 1
12
TckR
CLKOUT rise time
—
5 ‡
15 ‡
ns
Note 1
13
TckF
CLKOUT fall time
—
5 ‡
15 ‡
ns
Note 1
14
TckH2ioV
CLKOUT
↑ to Port
out valid
PIC17
CXXX
—
—
0.5TCY + 20 ‡
ns
Note 1
PIC17
LCXXX
—
—
0.5TCY + 50 ‡
ns
Note 1
15
TioV2ckH
Port in valid before
CLKOUT
↑
PIC17
CXXX
0.25TCY + 25 ‡
—
—
ns
Note 1
PIC17
LCXXX
0.25TCY + 50 ‡
—
—
ns
Note 1
16
TckH2ioI
Port in hold after CLKOUT
↑
0 ‡
—
—
ns
Note 1
17
TosL2ioV
OSC1
↓ (Q1 cycle) to Port out valid
—
—
100 ‡
ns
18
TosL2ioI
OSC1
↓ (Q2 cycle) to Port input invalid
(I/O in hold time)
0 ‡
—
—
ns
19
TioV2osL
Port input valid to OSC1
↓
(I/O in setup time)
30 ‡
—
—
ns
20
TioR
Port output rise time
—
10 ‡
35 ‡
ns
21
TioF
Port output fall time
—
10 ‡
35 ‡
ns
22
TinHL
INT pin high or low time
25 *
—
—
ns
23
TrbHL
RB7:RB0 change INT high or low time
25 *
—
—
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1:
Measurements are taken in EC Mode where CLKOUT output is 4 x TOSC.
OSC1
OSC2 †
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
old value
new value
† In EC and RC modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com