Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3876ESX-2.5/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3876ESX-2.5/NOPB
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3876ESX-2.5/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3876ESX-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3876ESX-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LP3873, LP3876
www.ti.com
SNVS220E – NOVEMBER 2002 – REVISED APRIL 2013
Electrical Characteristics
LP3873/LP3876 (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1.5V, IL = 10 mA, COUT = 10µF, VSD = 2V.
Symbol
Parameter
Conditions
Typ(1)
LP3873/6(2)
Units
Min
Max
AC PARAMETERS
VIN = VOUT + 1.0V
73
COUT = 10uF
VOUT = 3.3V
PSRR
Ripple Rejection
dB
VIN = VOUT + 0.5V
57
COUT = 10uF
VOUT = 3.3V
ρn(l/f
Output Noise Density
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz
150
VOUT = 2.5V
en
Output Noise Voltage
µV (rms)
BW = 300Hz – 300kHz
100
VOUT = 2.5V
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3873 LP3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com