Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3893ES-1.2/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3893ES-1.2/NOPB
Description  3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3893ES-1.2/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3893ES-1.2/NOPB Datasheet HTML 1Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 2Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 3Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 4Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 5Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 6Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 7Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 8Page - Texas Instruments LP3893ES-1.2/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP3893
www.ti.com
SNVS237B – SEPTEMBER 2003 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, VBIAS = 4.5V, IL = 10 mA, CIN = COUT =10 µF, VS/D = VBIAS.
Symbol
Parameter
Conditions
Typical (1)
MIN (2)
MAX (2)
Units
VO
Output Voltage Tolerance
10 mA
≤ IL ≤ 3A
1.198
1.234
1.216
VO(NOM) + 1V ≤ VIN ≤ 5.5V
1.186
1.246
4.5V
≤ VBIAS ≤ 6V
1.478
1.522
1.5
V
1.455
1.545
1.773
1.827
1.8
1.746
1.854
ΔVO/ΔVI
Output Voltage Line Regulation (3)
VO(NOM) + 1V ≤ VIN ≤ 5.5V
0.01
%/V
N
ΔVO/ΔIL
Output Voltage Load Regulation (4)
10 mA
≤ IL ≤ 3A
0.04
%/A
0.06
VDO
Dropout Voltage (5)
IL = 3A
650
270
mV
1000
IQ(VIN)
Quiescent Current Drawn from VIN
10 mA
≤ IL ≤ 3A
7
3
mA
Supply
8
VS/D ≤ 0.3V
1
0.03
µA
30
IQ(VBIAS)
Quiescent Current Drawn from VBIAS
10 mA
≤ IL ≤ 3A
2
1
mA
Supply
3
VS/D ≤ 0.3V
1
0.03
µA
30
ISC
Short-Circuit Current
VOUT = 0V
6
A
Shutdown Input
VSDT
Output Turn-off Threshold
Output = ON
0.7
1.3
V
Output = OFF
0.7
0.3
Td (OFF) Turn-OFF Delay
RLOAD X COUT << Td (OFF)
20
µs
Td (ON)
Turn-ON Delay
RLOAD X COUT << Td (ON)
15
IS/D
S/D Input Current
VS/D =1.3V
1
µA
VS/D ≤ 0.3V
−1
AC Parameters
PSRR
Ripple Rejection for VIN Input Voltage
VIN = VOUT +1V, f = 120 Hz
80
(VIN)
VIN = VOUT + 1V, f = 1 kHz
65
dB
PSRR
Ripple Rejection for VBIAS Voltage
VBIAS = VOUT + 3V, f = 120 Hz
70
(VBIAS)
VBIAS = VOUT + 3V, f = 1 kHz
65
Output Noise Density
f = 120 Hz
µV/root
−
1
Hz
en
Output Noise Voltage
BW = 10 Hz
− 100 kHz, VOUT = 1.8V
150
µV (rms)
BW = 300 Hz
− 300 kHz, VOUT = 1.8V
90
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Limits are specified through testing, statistical correlation, or design.
(3)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(4)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(5)
Dropout voltage is defined as the minimum input to output differential required to maintain the output with 2% of nominal value.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3893



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com