Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-1.8/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-1.8/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-1.8/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3855ES-1.8/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 11Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 12Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 14Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-1.8/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
Feature Description (continued)
9.3.6 ERROR Flag Operation
The LP3852 and LP3855 produce a logic low signal at the ERROR pin when the output drops out of regulation
due to low input voltage, current limiting, or thermal limiting. This flag has a built in hysteresis. The timing
diagram in Figure 17 shows the relationship between the ERROR flag and the output voltage. In this example,
the input voltage is changed to demonstrate the functionality of the ERROR Flag.
The internal ERROR comparator has an open drain output stage; thus, the ERROR pin should be pulled high
through a pullup resistor. Although the ERROR flag pin can sink current of 1 mA, this current is energy drain
from the input supply. Hence, the value of the pullup resistor should be in the range of 10 k
Ω to 1 MΩ. The
ERROR pin must be connected to ground if this function is not used. It should also be noted that when the
shutdown pin is pulled low, the ERROR pin is forced to be invalid for reasons of saving power in shutdown
mode.
Figure 17. ERROR Operation
9.4 Device Functional Modes
9.4.1 Operation with VOUT(TARGET) + 0.1 V ≤ VIN ≤ 7 V
The device operate if the input voltage is equal to, or exceeds VOUT(TARGET) + 0.1 V. At input voltages below the
minimum VIN requirement, the devices do not operate correctly and output voltage may not reach target value.
9.4.2 Operation With SD Pin Control
A CMOS Logic low level signal at the SD pin will turn off the regulator. The SD pin must be actively terminated
through a 10-k
Ω pullup resistor for a proper operation.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com