Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3962EMP-3.3/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3962EMP-3.3/NOPB
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3962EMP-3.3/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3962EMP-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP3962EMP-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LP3962, LP3965
www.ti.com
SNVS066H – MAY 2000 – REVISED APRIL 2013
LP3962/LP3965 1.5A Fast Ultra Low Dropout Linear Regulators
Check for Samples: LP3962, LP3965
1
FEATURES
DESCRIPTION
The LP3962/LP3965 series of fast ultra low-dropout
2
•
Ultra Low Dropout Voltage
linear regulators operate from a +2.5V to +7.0V input
•
Low Ground Pin Current
supply. Wide range of preset output voltage options
•
Load Regulation of 0.04%
are
available.
These
ultra
low
dropout
linear
regulators respond very fast to step changes in load
•
15µA Quiescent Current in Shutdown Mode
which
makes
them
suitable
for
low
voltage
•
Specified Output Current of 1.5A DC
microprocessor applications. The LP3962/LP3965 are
•
Available in SOT-223,SFM/TO-263 and TO-220
developed on a CMOS process which allows low
Packages
quiescent current operation independent of output
load current. This CMOS process also allows the
•
Output Voltage Accuracy ± 1.5%
LP3962/LP3965 to operate under extremely low
•
Error Flag Indicates Output Status (LP3962)
dropout conditions.
•
Sense Option Improves Better Load
Dropout Voltage: Ultra low dropout voltage; typically
Regulation (LP3965)
38mV at 150mA load current and 380mV at 1.5A load
•
Extremely Low Output Capacitor
current.
Requirements
Ground Pin Current: Typically 5mA at 1.5A load
•
Overtemperature/Overcurrent Protection
current.
•
−40°C to +125°C Junction Temperature Range
Shutdown Mode: Typically 15µA quiescent current
when the shutdown pin is pulled low.
APPLICATIONS
Error Flag: Error flag goes low when the output
•
Microprocessor Power Supplies
voltage drops 10% below nominal value (for LP3962).
•
GTL, GTL+, BTL, and SSTL Bus Terminators
SENSE: Sense pin improves regulation at remote
•
Power Supplies for DSPs
loads. (For LP3965)
•
SCSI Terminator
Precision Output Voltage: Multiple output voltage
•
Post Regulators
options are available ranging from 1.2V to 5.0V and
•
High Efficiency Linear Regulators
adjustable (LP3965), with a specified accuracy of
±1.5% at room temperature, and ±3.0% over all
•
Battery Chargers
conditions (varying line, load, and temperature).
•
Other Battery Powered Applications
Typical Application Circuits
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this
function is not used. See Application Hints section for more information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3962EMP-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3962EMP-3.3 NSC-LP3962EMP-3.3 Datasheet
484Kb / 22P
1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3962EMP-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com